Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA001192604 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # MA001192604
Description  Material Content Data Sheet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA001192604 Datasheet(HTML) 1 Page - Infineon Technologies AG

  MA001192604_15 Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.
2.
3.
Material Content Data Sheet
Sales Product Name
2EDL23N06PJ
Issued
1. April 2015
MA#
MA001192604
Package
PG-DSO-14-49
Weight*
139.10 mg
Construction Element
Material Group
Substances
CAS#
if applicable
Weight
[mg]
Average
Mass
[%]
Sum
[%]
Average
Mass
[ppm]
Sum
[ppm]
chip
inorganic material
silicon
7440-21-3
1.871
1.34
1.34
13449
13449
leadframe
inorganic material
phosphorus
7723-14-0
0.014
0.01
103
non noble metal
zinc
7440-66-6
0.057
0.04
413
non noble metal
iron
7439-89-6
1.150
0.83
8264
non noble metal
copper
7440-50-8
46.675
33.56
34.44
335551
344331
wire
noble metal
gold
7440-57-5
0.258
0.19
0.19
1855
1855
encapsulation
organic material
carbon black
1333-86-4
0.173
0.12
1247
plastics
epoxy resin
-
9.368
6.74
67351
inorganic material
silicondioxide
60676-86-0
77.202
55.50
62.36
555018
623616
leadfinish
non noble metal
tin
7440-31-5
1.241
0.89
0.89
8925
8925
plating
noble metal
silver
7440-22-4
0.307
0.22
0.22
2203
2203
glue
plastics
acrylic resin
-
0.172
0.12
1237
noble metal
silver
7440-22-4
0.610
0.44
0.56
4384
5621
*deviation
< 10%
Sum in total:
100.00
1000000
Important Remarks:
Infineon Technologies AG provides full material declaration based on information provided by third parties and
has taken and continues to take reasonable steps to provide representative and accurate information.
Infineon Technologies AG and Infineon Technologies AG suppliers consider certain information to be
proprietary, and thus CAS numbers and other limited information may not be available for release.
All statements are based on our present knowledge, are provided 'as is' and may be subject to change at any
time due to technical requirements and development without notification.
This product is in compliance with EU Directive 2011/65/EU (RoHS) and does not use any exemption.
Company
Infineon Technologies AG
Address
81726 München
Internet
www.infineon.com


Similar Part No. - MA001192604_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MA001190342 INFINEON-MA001190342 Datasheet
32Kb / 1P
   Material Content Data Sheet
5. December 2014
MA001190846 INFINEON-MA001190846 Datasheet
32Kb / 1P
   Material Content Data Sheet
17. June 2015
MA001190846 INFINEON-MA001190846_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
17. June 2015
MA001194964 INFINEON-MA001194964 Datasheet
33Kb / 1P
   Material Content Data Sheet
3. June 2015
MA001194964 INFINEON-MA001194964_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
3. June 2015
More results

Similar Description - MA001192604_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4253E INFINEON-TLE4253E_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
7. October 2015
MA001010846 INFINEON-MA001010846_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001011684 INFINEON-MA001011684_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001025832 INFINEON-MA001025832_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
28. July 2015
MA001075538 INFINEON-MA001075538_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
MA001126876 INFINEON-MA001126876_15 Datasheet
32Kb / 1P
   Material Content Data Sheet
2. July 2015
MA001147172 INFINEON-MA001147172_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
24. April 2015
MA001276174 INFINEON-MA001276174_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
29. June 2015
IPA126N10N3G INFINEON-IPA126N10N3G_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
3. September 2015
IPB60R160P6 INFINEON-IPB60R160P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
IPB60R230P6 INFINEON-IPB60R230P6_15 Datasheet
33Kb / 1P
   Material Content Data Sheet
27. August 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com