Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5086 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5086
Description  PurePath Digital??AUDIO SIX-CHANNEL PWM PROCESSOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5086 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5086_15 Datasheet HTML 1Page - Texas Instruments TAS5086_15 Datasheet HTML 2Page - Texas Instruments TAS5086_15 Datasheet HTML 3Page - Texas Instruments TAS5086_15 Datasheet HTML 4Page - Texas Instruments TAS5086_15 Datasheet HTML 5Page - Texas Instruments TAS5086_15 Datasheet HTML 6Page - Texas Instruments TAS5086_15 Datasheet HTML 7Page - Texas Instruments TAS5086_15 Datasheet HTML 8Page - Texas Instruments TAS5086_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1
FEATURES
TAS5086
www.ti.com ................................................................................................................................................... SLES131C – FEBRUARY 2005 – REVISED JUNE 2008
PurePath Digital™ AUDIO SIX-CHANNEL PWM PROCESSOR
Full Six-Channel Input and Output Mapping
23
• Audio Input/Output
Selectable DC Blocking Filters
Automatic Master Clock Rate and Data
• PWM Processing
Sample Rate Detection
8× Oversampling With Fourth-Order Noise
Four Serial Audio Inputs (Eight Channels)
Shaping at 44.1, 48 kHz; 4× Oversampling
at 88.2, 96 kHz; 2× Oversampling at 176.4,
Support for 32-, 44.1-, 48-, 88.2-, 96-, 176.4-,
192 kHz; and 12× Oversampling at 32 kHz
and 192-kHz Sampling Rates
≥105-dB Dynamic Range
Data Formats: 16-, 20-, or 24-Bit Input Data;
(TAS5086+TAS5186)
Left-Justified, Right-Justified, and I2S
THD < 0.06% (TAS5086 Only)
64- or 48-fS Bit-Clock Rate
20-Hz–20-kHz Flat Noise Floor for 44.1-, 48-,
128-, 192-, 256-, 384-, and 512-fS Master
88.2-, 96-, 176.4- and 192-kHz Data Rates
Clock Rates (Up to a Maximum of 50 MHz)
Digital De-Emphasis for 32-kHz, 44.1-kHz
Six PWM Audio Output Channels
and 48-kHz Data Rates
Any Output Channel Can be Mapped to Any
Intelligent AM Interference Avoidance
Output Pin
System Provides Clear AM Reception
Supports Single-Ended and Bridge-Tied
Optimized PWM Sequence for Click- and
Loads
Popless Start and Stop
I2S Serial Audio Output
Optimized PWM Sequence for Charging of
• Audio Processing
AC-Coupling Capacitors in Single-Ended
Volume Control Range of 48 dB to –100 dB
Configurations
Master Volume Control from 24 dB to –100
Adjustable Modulation Limit From 93.8% to
dB in 0.5-dB Increments
99.2%
Six Individual Channel Volume Controls
• General Features
With 24-dB to –100-dB Attenuation in
Automated Operation With Easy-to-Use
0.5-dB Increments
Control Interface
Serial Output Can Be Produced by
I2C Serial Control Slave Interface
Downmix of 5.1-Channel Input or Fourth
Control Interface Operational Without
Serial Input
MCLK
5.1-Channel Downmix to 2.1 or 3.1 PWM
Single 3.3-V Power Supply
Output Speaker System
38-Pin TSSOP Package
Integrated Bass Management
Two Programmable Biquads in Subwoofer
Channel
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PurePath Digital is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5086_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI1-TAS5086_17 Datasheet
1Mb / 49P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
More results

Similar Description - TAS5086_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5086 TI-TAS5086 Datasheet
466Kb / 33P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI1-TAS5086_17 Datasheet
1Mb / 49P
[Old version datasheet]   PurePath Digital AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5086 TI-TAS5086_06 Datasheet
513Kb / 41P
[Old version datasheet]   PurePath Digital TM AUDIO SIX-CHANNEL PWM PROCESSOR
TAS5026A TI-TAS5026A Datasheet
769Kb / 62P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5066 TI1-TAS5066 Datasheet
838Kb / 64P
[Old version datasheet]   SIX-CHANNEL Digital Audio PWM Processor
TAS5076PFC TI-TAS5076PFC Datasheet
800Kb / 64P
[Old version datasheet]   Six-Channel Digital Audio PWM Processor
TAS5036A TI-TAS5036A Datasheet
773Kb / 62P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5026 TI-TAS5026 Datasheet
689Kb / 48P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5036 TI-TAS5036 Datasheet
713Kb / 49P
[Old version datasheet]   SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5076 TI-TAS5076 Datasheet
835Kb / 62P
[Old version datasheet]   SIX-CHANNEL DIGITAL AUDIO PWM PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com