Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU3152L Datasheet(PDF) 7 Page - New Japan Radio

Part # NJU3152L
Description  4-BIT SINGLE CHIP OTP TINY CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU3152L Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJU3152L Datasheet HTML 3Page - New Japan Radio NJU3152L Datasheet HTML 4Page - New Japan Radio NJU3152L Datasheet HTML 5Page - New Japan Radio NJU3152L Datasheet HTML 6Page - New Japan Radio NJU3152L Datasheet HTML 7Page - New Japan Radio NJU3152L Datasheet HTML 8Page - New Japan Radio NJU3152L Datasheet HTML 9Page - New Japan Radio NJU3152L Datasheet HTML 10Page - New Japan Radio NJU3152L Datasheet HTML 11Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NJU3152
- 7 -
s ELECTRICAL CHARACTERISTICS
AC CHARACTERISTICS
1
(VSS=0V, Ta= -20~75
°C)
PARAMETER
SYM
BOL
C O N D I T I O N S
MIN
TYP
MAX
UNIT
X’tal Resonator
0.03
2.0
Ceramic Resonator
0.03
2.0
External Resistor
Oscillation
0.03
1.0
VDD=2.7~3.6V
External Clock
0.03
2.0
X’tal Resonator
0.03
4.0
Ceramic Resonator
0.03
4.0
External Resistor
Oscillation
0.03
2.0
Operating
Frequency
fOSC
VDD=3.6~5.5V
External Clock
0.03
4.0
MHz
Instruction Cycle
Time
tC
6/fOSC
s
VDD=2.7~3.6V
250
16600
External Clock
Pulse Width
tCPH
tCPL
VDD=3.6~5.5V
125
16600
ns
External Clock
Rise Time
Fall Time
tCPR
tCPF
VDD=2.7~5.5V
20
ns
RESET Low-Level
Width
tRST
VDD=2.7~5.5V
4/fOSC
s
RESET Rise Time
tRSR
VDD=2.7~5.5V
20
ms
Port Input Level
Width
tPIN
VDD=2.7~5.5V
6/fOSC
s
Edge Detection (PC1)
Rise Time
Fall Time
tEDR
tEDF
VDD=2.7~5.5V
200
ns
Restart Signal (PC0)
Rise Time
tSTR
VDD=2.7~5.5V
200
ns


Similar Part No. - NJU3152L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3151 NJRC-NJU3151 Datasheet
127Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
NJU3151D NJRC-NJU3151D Datasheet
127Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
NJU3151M NJRC-NJU3151M Datasheet
127Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
More results

Similar Description - NJU3152L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU3151 NJRC-NJU3151 Datasheet
127Kb / 11P
   4-BIT SINGLE CHIP OTP TINY CONTROLLER
NJU3102 NJRC-NJU3102 Datasheet
769Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
NJU3101 NJRC-NJU3101 Datasheet
758Kb / 22P
   4-BIT SINGLE CHIP TINY CONTROLLER
NJU3552 NJRC-NJU3552 Datasheet
171Kb / 14P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3553 NJRC-NJU3553 Datasheet
192Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3555 NJRC-NJU3555 Datasheet
226Kb / 19P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3554 NJRC-NJU3554 Datasheet
219Kb / 17P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
NJU3551 NJRC-NJU3551 Datasheet
160Kb / 13P
   4-BIT SINGLE CHIP OTP MICRO CONTROLLER
logo
List of Unclassifed Man...
SH69P26 ETC-SH69P26 Datasheet
393Kb / 43P
   OTP 6K 4-Bit Micro-controller
V2.3 Jul. 2015
logo
New Japan Radio
NJU3503 NJRC-NJU3503 Datasheet
1Mb / 59P
   4-BIT SINGLE CHIP MICRO CONTROLLER???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com