Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL25-CDY01 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL25-CDY01
Description  Popular 5mm Lens Style
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL25-CDY01 Datasheet(HTML) 1 Page - P-tec Corporation

  PL25-CDY01_14 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100μA) …….……………...………………………………………………….. 5.0V
Max Forward Current …………..………………..……………………………………………. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ....…………………………………….. 100mA
Operating Temperature Range ……………………………………………………… - 25°C to +85°C
Storage Temperature Range ………….……………………………………………. - 40°C to +100°C
Soldering Temperature (1.6mm below body) ……………………………………..… 260°C for 5 seconds
Power Dissipation…………………………………………………………………………...…. 78mW
PL25 Series 5mm (T1¾) LED
Features
*Popular 5mm Lens Style
without Flange
*GaAsP Yellow LED Chip used
*Low Current Requirements
*High Light Output
*Reliable & Rugged
*IC compatible
*RoHS Compliant
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. An epoxy meniscus may extend about 1mm down the leads.
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Color Diffused Lens
nm
Deg
Typ
Max
Min
Typ
PL25-CDY01
Yellow
GaAsP
585
30°
2.1
2.6
13.0
33.0
Dominant
Wave
Length
nm
590
8.6
4.8
24.0Min.
0.5 Square
4.8
1.5typ.
2.54 ±0.1
Anode
06.09.14 REV 1 JAS
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa CO 81101


Similar Part No. - PL25-CDY01_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL25-CDY01(1) P-TEC-PL25-CDY01(1) Datasheet
29Kb / 1P
   LED
More results

Similar Description - PL25-CDY01_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL16-CDG13 P-TEC-PL16-CDG13_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
PL16-CDR12 P-TEC-PL16-CDR12_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
PL16-CDR21 P-TEC-PL16-CDR21_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
PL16-CDY01 P-TEC-PL16-CDY01_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
PL16-CDR24 P-TEC-PL16-CDR24_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
PL16C-WCB26Z P-TEC-PL16C-WCB26Z_14 Datasheet
449Kb / 1P
   Popular 5mm Lens Style
PL25-CDR24 P-TEC-PL25-CDR24_14 Datasheet
75Kb / 1P
   Popular 5mm Lens Style
PL25-CDR21 P-TEC-PL25-CDR21_14 Datasheet
76Kb / 1P
   Popular 5mm Lens Style
PL16E-WCB20Z P-TEC-PL16E-WCB20Z_14 Datasheet
449Kb / 1P
   Popular 5mm Lens Style with
PL16F-WCB13Z P-TEC-PL16F-WCB13Z_14 Datasheet
448Kb / 1P
   Popular 5mm Lens Style with
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com