Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT2274L-T60-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2274L-T60-K
Description  SWITCHING REGULATOR APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2274L-T60-K Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2274L-T60-K Datasheet HTML 1Page - Unisonic Technologies UT2274L-T60-K Datasheet HTML 2Page - Unisonic Technologies UT2274L-T60-K Datasheet HTML 3Page - Unisonic Technologies UT2274L-T60-K Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT2274
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R213-019.F
SWITCHING REGULATOR
APPLICATIONS
FEATURES
* High breakdown voltage (VCBO≥1400V).
* Ultra high-speed switching.
* Wide SOA.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UT2274L-T92-B
UT2274G-T92-B
TO-92
B
C
E
Tape Box
UT2274L-T92-K
UT2274G-T92-K
TO-92
B
C
E
Bulk
UT2274L-TM3-T
UT2274G-TM3-T
TO-251
B
C
E
Tube
UT2274L-T60-K
UT2274G-T60-K
TO-126
B
C
E
Bulk
Note: Pin assignment: E: Emitter
B: Base
C: Collector


Similar Part No. - UT2274L-T60-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT2274L-T92-B UTC-UT2274L-T92-B Datasheet
117Kb / 3P
   SWITCHING REGULATOR APPLICATIONS
UT2274L-T92-K UTC-UT2274L-T92-K Datasheet
117Kb / 3P
   SWITCHING REGULATOR APPLICATIONS
UT2274L-TM3-T UTC-UT2274L-TM3-T Datasheet
117Kb / 3P
   SWITCHING REGULATOR APPLICATIONS
More results

Similar Description - UT2274L-T60-K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com