Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP112 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP112
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP112 Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP112_15 Datasheet HTML 1Page - Unisonic Technologies TIP112_15 Datasheet HTML 2Page - Unisonic Technologies TIP112_15 Datasheet HTML 3Page - Unisonic Technologies TIP112_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIP112
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-022.D
ABSOLUTE MAXIMUM RATING (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
DC
IC
2
A
Peak
ICM
4
Base Current (DC)
IB
50
mA
Collector Dissipation
TO-126
PC
10
W
TO-220
40
TO-252
15
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
VCEO(SUS) IC=30mA, IB=0A
100
V
Collector-Emitter Saturation Voltage
VCE(SAT) IC=2A, IB=8mA
2.5
V
Base-Emitter Turn-On Voltage
VBE(ON)
VCE=4V, IC=2A
2.8
Collector-Base Cut-Off Current
ICBO
VCB=100V, IE=0A
1
mA
Collector-Emitter Cut-Off Current
ICEO
VCE=50V, VB=0A
2
mA
Emitter-Base Cut-Off Current
IEBO
VEB=5V, IC=0A
2
mA
DC Current Gain
hFE
VCE=4V, IC=1A
1000
VCE=4V, IC=2A
500
Collector Capacitance
COB
VCB=10V, IE=0A, f=0.1MHz
100
pF


Similar Part No. - TIP112_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TIP112 UTC-TIP112_12 Datasheet
189Kb / 4P
   NPN EPITAXIAL SILICON DARLINGTON TRANSISTOR
More results

Similar Description - TIP112_15

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com