Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL8801ALAFTK Datasheet(PDF) 11 Page - Intersil Corporation

Part # ZL8801ALAFTK
Description  Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL8801ALAFTK Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ZL8801ALAFTK Datasheet HTML 7Page - Intersil Corporation ZL8801ALAFTK Datasheet HTML 8Page - Intersil Corporation ZL8801ALAFTK Datasheet HTML 9Page - Intersil Corporation ZL8801ALAFTK Datasheet HTML 10Page - Intersil Corporation ZL8801ALAFTK Datasheet HTML 11Page - Intersil Corporation ZL8801ALAFTK Datasheet HTML 12Page - Intersil Corporation ZL8801ALAFTK Datasheet HTML 13Page - Intersil Corporation ZL8801ALAFTK Datasheet HTML 14Page - Intersil Corporation ZL8801ALAFTK Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
ZL8801
11
FN8614.3
March 27, 2015
Submit Document Feedback
OUTPUT CURRENT SENSE INPUT BIAS CURRENT
VOUT Referenced
ISENA0 or ISENA1
-100
100
nA
ISENB0 or ISENB1
-25
25
µA
OUTPUT CURRENT SENSE MONITOR AND FAULT DETECTION
IOUT Monitor Temperature Compensation
Factory default
3900
ppm/°C
Configurable via PMBus™
100
12700
ppm/°C
VMON BIAS MONITOR AND FAULT DETECTION
VMON UVLO Threshold Range
Using VMON pin with 16:1 resistor divider
2.85
5
V
VMON Accuracy (Note 13)
Full Scale (FS) = 1.15V
-2
2
% FS
VMON Resolution
Full Scale (FS) = 1.15V
±0.15
% FS
VMON UV/OV Fault Response Delay
200
µs
TEMPERATURE SENSING
INTERNAL TEMPERATURE SENSOR
Internal Temperature Accuracy
Tested at +100°C
-5
5
°C
Internal Temperature Resolution
1°C
Thermal Protection Threshold
(junction temperature)
Factory default
125
°C
Configurable via PMBus™
-40
125
°C
Thermal Protection Hysteresis
15
°C
EXTERNAL TEMPERATURE SENSOR: XTEMP0 and XTEMP1
External Temperature Accuracy
±5
°C
External Temperature Resolution
1°C
Thermal Protection Threshold
Factory default
125
°C
Configurable via PMBus™
-40
125
°C
Thermal Protection Hysteresis
15
°C
NOTES:
9. Output current is limited by device thermal dissipation.
10. Percentage of Full Scale (FS) with temperature compensation applied.
11. VOUT measured at the termination of the VSENP and VSENN sense points.
12. For operation at 400kHz, see PMBus™ Power System Management Protocol Specification Part 1, Section 5.2.6.2 for timing parameter limits.
13. Does not include errors due to resistor divider tolerances.
14. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications VDD = 12V. Typical values are at TA = +25°C. Boldface limits apply across the operating ambient temperature
range, TA -40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 14)TYP
MAX
(Note 14)UNITS


Similar Part No. - ZL8801ALAFTK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8801ALAFTK RENESAS-ZL8801ALAFTK Datasheet
2Mb / 87P
   Dual Phase PMBus??ChargeMode??Control DC/DC Digital Controller
More results

Similar Description - ZL8801ALAFTK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL8802ALAFT INTERSIL-ZL8802ALAFT Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
December 11, 2015
logo
Renesas Technology Corp
ZL8801 RENESAS-ZL8801 Datasheet
2Mb / 87P
   Dual Phase PMBus??ChargeMode??Control DC/DC Digital Controller
ZL8800 RENESAS-ZL8800 Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Intersil Corporation
ZL8800ALAFTK INTERSIL-ZL8800ALAFTK Datasheet
1Mb / 84P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
September 14, 2015
ZL8800 INTERSIL-ZL8800 Datasheet
1Mb / 82P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Renesas Technology Corp
ZL8802 RENESAS-ZL8802 Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
STMicroelectronics
STPDDC60 STMICROELECTRONICS-STPDDC60 Datasheet
97Kb / 3P
   Universal digital multicell controller with PMBus™
March 2018 Rev 1
logo
Rohm
PV4220 ROHM-PV4220 Datasheet
658Kb / 3P
   Dual-Phase Digital DC/DC Buck Controller with Auto-Control SMBus??PMBusTM
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com