Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL8800-2CH-DEMO1Z Datasheet(PDF) 11 Page - Intersil Corporation

Part # ZL8800-2CH-DEMO1Z
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL8800-2CH-DEMO1Z Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ZL8800-2CH-DEMO1Z Datasheet HTML 7Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 8Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 9Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 10Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 11Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 12Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 13Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 14Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
ZL8800
11
FN7558.3
September 14, 2015
Submit Document Feedback
OUTPUT CURRENT
OUTPUT CURRENT SENSE RESOLUTION
Low Range
±25mV full scale
-
37.5
-
µV
Medium Range
± 35mV full scale
-
56.25
-
µV
High Range
±50mV full scale
-
75.0
-
µV
OUTPUT CURRENT SENSE INPUT BIAS CURRENT
VOUT Referenced
ISENA0 or ISENA1
-100
-
100
nA
ISENB0 or ISENB1
-25
-
25
µA
OUTPUT CURRENT SENSE MONITOR AND FAULT DETECTION
Output Current DCR Monitor Temperature
Compensation
Factory default
3900
ppm/°C
Configurable via PMBus™
100
12700
ppm/°C
VMON BIAS MONITOR AND FAULT DETECTION
VMON UVLO Threshold Range
Using VMON pin with 16:1 resistor divider
2.85
-
5
V
VMON Accuracy (Note 14)
Full Scale (FS) = 1.15V
-2
-
2
% FS
VMON Resolution
Full Scale (FS) = 1.15V
-
±0.15
-
% FS
VMON UV/OV Fault Response Delay
-
200
-
µs
TEMPERATURE SENSING
INTERNAL TEMPERATURE SENSOR
Internal Temperature Accuracy
Tested at +100°C
-5
5
°C
Internal Temperature Resolution
-1
-
°C
Thermal Protection Threshold
(Junction Temperature)
Factory default
-
125
-
°C
Configurable via PMBus™
-40
125
°C
Thermal Protection Hysteresis
-15
-
°C
EXTERNAL TEMPERATURE SENSOR: XTEMP0 and XTEMP1
External Temperature Accuracy
Filter capacitance <100pF
-
±5
-
°C
External Temperature Resolution
-1
-
°C
Thermal Protection Threshold
Factory default
-
125
-
°C
Configurable via PMBus™
-40
125
°C
Thermal protection hysteresis
-15
-
°C
NOTES:
10. Output current is limited by device thermal dissipation.
11. Percentage of Full Scale (FS) with temperature compensation applied.
12. VOUT measured at the termination of the VSENxP and VSENxN sense points.
13. For operation at 400kHz, see PMBus™ Power System Management Protocol Specification Part 1, Section 5.2.6.2 for timing parameter limits.
14. Does not include errors due to resistor divider tolerances.
15. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
16. Only 1 output voltage can track the VTRK input: Channel 0, Channel 1 or the output of a 2-phase configuration.
Electrical Specifications VDD = 12V. Typical values are at TA = +25°C. Boldface limits apply across the operating ambient temperature
range, TA -40°C to +85°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 15)TYP
MAX
(Note 15)UNIT


Similar Part No. - ZL8800-2CH-DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8800-2CH-DEMO1Z RENESAS-ZL8800-2CH-DEMO1Z Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
More results

Similar Description - ZL8800-2CH-DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8800 RENESAS-ZL8800 Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Intersil Corporation
ZL8800 INTERSIL-ZL8800 Datasheet
1Mb / 82P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Renesas Technology Corp
ZL8802 RENESAS-ZL8802 Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
ZL8801 RENESAS-ZL8801 Datasheet
2Mb / 87P
   Dual Phase PMBus??ChargeMode??Control DC/DC Digital Controller
logo
Intersil Corporation
ZL8802ALAFT INTERSIL-ZL8802ALAFT Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
December 11, 2015
ZL8801ALAFTK INTERSIL-ZL8801ALAFTK Datasheet
1Mb / 87P
   Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
March 27, 2015
logo
Rohm
PV4220 ROHM-PV4220 Datasheet
658Kb / 3P
   Dual-Phase Digital DC/DC Buck Controller with Auto-Control SMBus??PMBusTM
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
STMicroelectronics
L99LD02 STMICROELECTRONICS-L99LD02 Datasheet
1Mb / 66P
   Automotive dual-phase boost DC/DC controller
January 2020 Rev 3
logo
Renesas Technology Corp
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com