Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL8800-2CH-DEMO1Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ZL8800-2CH-DEMO1Z
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ZL8800-2CH-DEMO1Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ZL8800-2CH-DEMO1Z Datasheet HTML 6Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 7Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 8Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 9Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 10Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 11Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 12Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 13Page - Intersil Corporation ZL8800-2CH-DEMO1Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
ZL8800
10
FN7558.3
September 14, 2015
Submit Document Feedback
PWM INPUT/OUTPUT CHARACTERISTICS
PWM Output Low
2mA sinking
-
-
0.5
V
PWM Output High
2mA sourcing
4.25
--
V
PWM Tri-state Input Bias Current (PWMH0,1)
Vpwm = 2.5V
-
-
10
µA
OSCILLATOR AND SWITCHING CHARACTERISTICS
Switching Frequency Range
200
-
1334
kHz
Switching Frequency Set-point Accuracy
-5
-
5
%
Minimum SYNC Pulse Width
50% to 50%
150
--
ns
Input Clock Frequency Drift Tolerance
Maximum allowed drift of external clock
-10
-
10
%
PMBus™ Clock Frequency (Note 13)
100
-
400
kHz
POWER MANAGEMENT
SOFT-START/ RAMP CHARACTERISTICS
Ton Delay/Toff Delay
Factory default
-
5
-
ms
Ton Delay/Toff Delay Range
Set using PMBus™ command
2
5000
ms
Ramp Delay/Toff Delay Accuracy
Turn-on, turn-off delay
-
-0/+2
-
ms
Soft-start/Ton Ramp/Toff Ramp Duration
Factory default
-
5
-
ms
Soft-start/Ton Ramp/Toff Ramp Duration Range
Set using PMBus™ command
0.5
100
ms
Soft-start/Ton Ramp/Toff Ramp Duration Accuracy
-
±250
-
µs
TRACKING
VTRK Input Bias Current
VTRK = 5V
-
70
200
µA
VTRK Regulation Accuracy
100% tracking, VOUT – VTRK15
-2
-
2
% VOUT
POWER-GOOD
Power-good VOUT Threshold
Factory default
-
90
-
% VOUT
Power-good VOUT Hysteresis
Factory default
-
5
-
%
Power-good Delay
Applies to turn-on only (LOW to HIGH transition)
Factory default
-
1
-
ms
Set using PMBus™ command
0
-
5000
ms
MONITORING AND FAULT MANAGEMENT
INPUT VOLTAGE MONITOR AND FAULT DETECTION
VDD/VIN UVLO Threshold Range
2.85
-
16
V
VDD/VIN Monitor Accuracy
Full Scale (FS) = 14V
-
±2
-
%FS
VDD/VIN Monitor Resolution
Full Scale (FS) = 14V
-
±0.15
-
%FS
VIN UV/OV Fault Response delay
-
100
-
µs
INPUT CURRENT
Input Current Sense Differential Input Voltage
VIINP-VIINN
0
-
20
mV
Input Current Sense Input Offset Voltage
VIINP-VIINN
-±100-
µV
Input Current Sense Accuracy
% of full scale (20mV)
-
±5
-
% FS
OUTPUT VOLTAGE MONITOR AND FAULT DETECTION
VOUT Monitor Accuracy
FS = Vset voltage (Vo)
-2
-
2
%FS
VOUT Monitor Resolution
FS = Vset voltage (Vo)
-
± 0.15
-
%FS
VOUT UV/OV Fault Response Delay
-10-
µs
Electrical Specifications VDD = 12V. Typical values are at TA = +25°C. Boldface limits apply across the operating ambient temperature
range, TA -40°C to +85°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 15)TYP
MAX
(Note 15)UNIT


Similar Part No. - ZL8800-2CH-DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8800-2CH-DEMO1Z RENESAS-ZL8800-2CH-DEMO1Z Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
More results

Similar Description - ZL8800-2CH-DEMO1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZL8800 RENESAS-ZL8800 Datasheet
3Mb / 88P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Intersil Corporation
ZL8800 INTERSIL-ZL8800 Datasheet
1Mb / 82P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
logo
Renesas Technology Corp
ZL8802 RENESAS-ZL8802 Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
ZL8801 RENESAS-ZL8801 Datasheet
2Mb / 87P
   Dual Phase PMBus??ChargeMode??Control DC/DC Digital Controller
logo
Intersil Corporation
ZL8802ALAFT INTERSIL-ZL8802ALAFT Datasheet
2Mb / 91P
   Dual Channel/Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
December 11, 2015
ZL8801ALAFTK INTERSIL-ZL8801ALAFTK Datasheet
1Mb / 87P
   Dual Phase PMBus™ ChargeMode™ Control DC/DC Digital Controller
March 27, 2015
logo
Rohm
PV4220 ROHM-PV4220 Datasheet
658Kb / 3P
   Dual-Phase Digital DC/DC Buck Controller with Auto-Control SMBus??PMBusTM
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
   Digital DC/DC Controller with PMBus Interface
logo
STMicroelectronics
L99LD02 STMICROELECTRONICS-L99LD02 Datasheet
1Mb / 66P
   Automotive dual-phase boost DC/DC controller
January 2020 Rev 3
logo
Renesas Technology Corp
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
   Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com