Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317TS8Z-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9317TS8Z-2.7
Description  Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317TS8Z-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9317TS8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9317TS8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9317TS8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9317TS8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9317TS8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9317TS8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9317TS8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9317TS8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9317TS8Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
X9317
3
FN8183.9
November 4, 2014
Submit Document Feedback
Pin Configurations
X9317
(8 LD TSSOP)
TOP VIEW
X9317
(8 LD SOIC, 8 LD MSOP)
TOP VIEW
INC
RL
CS
VCC
1
2
3
4
8
7
6
5
U/D
RW
VSS
RH
RH
VCC
INC
U/D
1
2
3
4
8
7
6
5
VSS
CS
RL
RW
Pin Descriptions
SOIC/MSOP
TSSOP
SYMBOL
BRIEF DESCRIPTION
13
INC
Increment Toggling INC while CS
is low moves the wiper either up
or down.
24
U/D
Up/Down The U/D input controls
the direction of the wiper
movement.
35
RH
The high terminal is equivalent to
one of the fixed terminals of a
mechanical potentiometer.
46
VSS
Ground
57
R
W
The wiper terminal is equivalent
to the movable terminal of a
mechanical potentiometer.
68
RL
The low terminal is equivalent to
one of the fixed terminals of a
mechanical potentiometer.
71
CS
Chip Select The device is
selected when the CS input is
LOW, and de-selected when CS is
high.
82
VCC
Supply Voltage


Similar Part No. - X9317TS8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317TS8Z-2.7 INTERSIL-X9317TS8Z-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317TS8Z-2.7 INTERSIL-X9317TS8Z-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9317TS8Z-2.7 RENESAS-X9317TS8Z-2.7 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317TS8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22323 RENESAS-ISL22323 Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com