Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317UV8IZ-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9317UV8IZ-2.7
Description  Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317UV8IZ-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9317UV8IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9317UV8IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9317UV8IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9317UV8IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9317UV8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9317UV8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9317UV8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9317UV8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9317UV8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
X9317
5
FN8183.9
November 4, 2014
Submit Document Feedback
DC Electrical Specifications VCC = 5V ±10%. Boldface limits apply across the operating temperature range, -40°C to +85°C
(Industrial) and 0°C to +70°C (Commercial).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 13)
TYP
(Note 9)
MAX
(Note 13)UNIT
ICC1
VCC Active Current (Increment)
CS = VIL, U/D = VIL or VIH and INC =VIL/VIH at
min. tCYC
RL, RH, RW not connected
80
µA
ICC2
VCC Active Current (Store)
(non-volatile write)
CS = VIH, U/D = VIL or VIH and INC = VIL or VIH.
RL, RH, RW not connected
400
µA
ISB
Standby Supply Current
CS
 VIH, U/D and INC =VIL
RL, RH, RW not connected
5
µA
ILI
CS, INC, U/D Input Leakage Current
VIN = VSS to VCC
-10
+10
µA
VIH
CS, INC, U/D Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VIL
CS, INC, U/D Input LOW Voltage
-0.5
VCC x 0.1
V
CIN (Note 10)CS, INC, U/D Input Capacitance
VCC = 5V, VIN = VSS, TA = +25°C, f = 1MHz
10
pF
Endurance and Data Retention VCC = 5V ±10%, TA = Full Operating Temperature Range.
PARAMETER
MIN
UNIT
Minimum Endurance
100,000
Data changes per bit
Data Retention
100
Years
Test Circuit
Equivalent Circuit
FORCE
CURRENT
TEST POINT
RW
CH
CL
RW
10pF
10pF
RTOTAL
CW
25pF
RH
RL
AC Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
AC Electrical Specifications VCC = 5V ±10%. Boldface limits apply across the operating temperature range, -40°C to +85°C
(Industrial) and 0°C to +70°C (Commercial).
SYMBOL
PARAMETER
MIN
(Note 13)
TYP
(Note 9)
MAX
(Note 13)UNIT
tCl
CS to INC Setup
50
ns
tlD (Note 10)INC HIGH to U/D Change
100
ns
tDI (Note 10)U/D to INC Setup
1
µs
tlL
INC LOW Period
960
ns
tlH
INC HIGH Period
960
ns
tlC
INC Inactive to CS Inactive
1
µs
tCPHS
CS Deselect Time (STORE)
10
ms
tCPHNS
(Note 10)
CS Deselect Time (NO STORE)
100
ns
tIW
INC to RW Change
1
5
µs
tCYC
INC Cycle Time
2
µs


Similar Part No. - X9317UV8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317UV8IZ-2.7 INTERSIL-X9317UV8IZ-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317UV8IZ-2.7 INTERSIL-X9317UV8IZ-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9317UV8IZ-2.7 RENESAS-X9317UV8IZ-2.7 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317UV8IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22323 RENESAS-ISL22323 Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com