Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9429WS16IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9429WS16IZ-2.7
Description  Single Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9429WS16IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9429WS16IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9429WS16IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9429WS16IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9429WS16IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9429WS16IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9429WS16IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9429WS16IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9429WS16IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9429WS16IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8248.3
October 13, 2008
Pinouts
X9429
(14 LD TSSOP)
TOP VIEW
X9429
(16 LD SOIC)
TOP VIEW
Pin Assignments
Pin Descriptions
Host Interface Pins
SERIAL CLOCK (SCL)
The SCL input is used to clock data into and out of the
X9429.
SERIAL DATA (SDA)
SDA is a bidirectional pin used to transfer data into and out of
the device. It is an open drain output and may be wire-ORed
with any number of open drain or open collector outputs. An
open drain output requires the use of a pull-up resistor. For
selecting typical values, refer to the guidelines for calculating
typical values on the bus pull-up resistors graph.
DEVICE ADDRESS (A0, A2, A3)
The Address inputs are used to set the least significant 3 bits
of the 8-bit slave address. A match in the slave address
serial data stream must be made with the Address input in
order to initiate communication with the X9429. A maximum
of 8 devices may occupy the 2-wire serial bus.
Potentiometer Pins
RH/VH, RL/VL
The RH/VH and RL/VL inputs are equivalent to the terminal
connections on either end of a mechanical potentiometer.
RW/VW
The wiper outputs are equivalent to the wiper output of a
mechanical potentiometer.
HARDWARE WRITE PROTECT INPUT WP
The WP pin when low prevents nonvolatile writes to the Data
Registers.
Principals of Operation
The X9429 is a highly integrated microcircuit incorporating a
resistor array and its associated registers and counters and
the serial interface logic providing direct communication
between the host and the XDCP potentiometers.
Serial Interface
The X9429 supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the
VCC
RL/VL
VSS
1
2
3
4
5
6
7
8
14
13
12
11
10
9
NC
RW/VW
SCL
A2
RH/VH
X9429
NC
NC
SDA
A3
WP
A0
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
X9429
VCC
RL/VL
RW/VW
RH/VH
A3
WP
A0
NC
VSS
SCL
A2
NC
SDA
NC
NC
NC
TSSOP PIN
SOIC PIN
SYMBOL
BRIEF DESCRIPTION
1, 2, 3
12, 3, 7, 15
NC
No Connect
4
4
A2
Device Address for 2-wire bus.
5
5
SCL
Serial Clock for 2-wire bus.
6
6
SDA
Serial Data Input/Output for 2-wire bus.
78
VSS
System Ground
89
WP
Hardware Write Protect
9
10
A0
Device Address for 2-wire bus.
10
11
A3
Device Address for 2-wire bus.
11
12
RW/VW
Wiper Terminal of the Potentiometer.
12
13
RH/VH
High Terminal of the Potentiometer.
13
14
RL/VL
Low Terminal of the Potentiometer.
14
16
VCC
System Supply Voltage
X9429


Similar Part No. - X9429WS16IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9429WS16IZ-2.7 INTERSIL-X9429WS16IZ-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9429WS16IZ-2.7 RENESAS-X9429WS16IZ-2.7 Datasheet
835Kb / 21P
   Low Noise/Low Power/2-Wire Bus Single Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9429WS16IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com