Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9408WS24I-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9408WS24I-2.7
Description  Quad Digitally Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408WS24I-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9408WS24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9408WS24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN8191.4
January 15, 2009
Flow 1. ACK Polling Sequence
Instruction Structure
The next byte sent to the X9408 contains the instruction and
register pointer information. The four most significant bits are
the instruction. The next four bits point to one of the two pots
and when applicable they point to one of four associated
registers. The format is shown in Figure 2.
The four high order bits define the instruction. The next two
bits (R1 and R0) select one of the four registers that is to be
acted upon when a register oriented instruction is issued.
The last bits (P1, P0) select which one of the four
potentiometers is to be affected by the instruction.
Four of the nine instructions end with the transmission of the
instruction byte. The basic sequence is illustrated in
Figure 3. These two-byte instructions exchange data
between the Wiper Counter Register and one of the Data
Registers. A transfer from a Data Register to a Wiper
Counter Register is essentially a write to a static RAM. The
response of the wiper to this action will be delayed tWRL. A
transfer from the Wiper Counter Register (current wiper
position), to a data register is a write to nonvolatile memory
and takes a minimum of tWR to complete. The transfer can
occur between one of the four potentiometers and one of its
associated registers; or it may occur globally, wherein the
transfer occurs between all of the potentiometers and one of
their associated registers.
Four instructions require a three-byte sequence to complete.
These instructions transfer data between the host and the
X9408; either between the host and one of the data registers
or directly between the host and the Wiper Counter Register.
These instructions are: Read Wiper Counter Register (read
the current wiper position of the selected pot), Write Wiper
Counter Register (change current wiper position of the
selected pot), Read Data Register (read the contents of the
selected nonvolatile register) and Write Data Register (write
a new value to the selected Data Register). The sequence of
operations is shown in Figure 4.
NON-VOLATILE WRITE
COMMAND COMPLETED
ENTER ACK POLLING
ISSUE
START
ISSUE SLAVE
ADDRESS
ACK
RETURNED?
FURTHER
OPERATION?
ISSUE
INSTRUCTION
ISSUE STOP
NO
YES
YES
PROCEED
ISSUE STOP
NO
PROCEED
I1
I2
I3
I0
R1
R0
P1
P0
WIPER COUNTER
REGISTER
SELECT
INSTRUCTIONS
REGISTER SELECT
FIGURE 2. INSTRUCTION BYTE FORMAT
S
T
A
R
T
0101
A3
A2
A1
A0
A
C
K
I3
I2
I1
I0
R1
R0
P1
P0
A
C
K
SCL
SDA
S
T
O
P
FIGURE 3. TWO-BYTE INSTRUCTION SEQUENCE
X9408


Similar Part No. - X9408WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408WS24I-2.7 INTERSIL-X9408WS24I-2.7 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
logo
Renesas Technology Corp
X9408WS24I-2.7 RENESAS-X9408WS24I-2.7 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
More results

Similar Description - X9408WS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com