Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9429YV14I Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9429YV14I
Description  Single Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9429YV14I Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9429YV14I Datasheet HTML 3Page - Intersil Corporation X9429YV14I Datasheet HTML 4Page - Intersil Corporation X9429YV14I Datasheet HTML 5Page - Intersil Corporation X9429YV14I Datasheet HTML 6Page - Intersil Corporation X9429YV14I Datasheet HTML 7Page - Intersil Corporation X9429YV14I Datasheet HTML 8Page - Intersil Corporation X9429YV14I Datasheet HTML 9Page - Intersil Corporation X9429YV14I Datasheet HTML 10Page - Intersil Corporation X9429YV14I Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN8248.3
October 13, 2008
TABLE 1. INSTRUCTION SET
Read Wiper Counter Register (read the current wiper
position of the selected pot), write Wiper Counter Register
(change current wiper position of the selected pot), read
Data Register (read the contents of the selected nonvolatile
register) and write Data Register (write a new value to the
selected Data Register). The sequence of operations is
shown in Figure 4.
The Increment/Decrement command is different from the
other commands. Once the command is issued and the
X9429 has responded with an acknowledge, the master can
clock the selected wiper up and/or down in one segment
steps; thereby, providing a fine tuning capability to the host.
For each SCL clock pulse (tHIGH) while SDA is HIGH, the
selected wiper will move one resistor segment towards the
VH/RH terminal. Similarly, for each SCL clock pulse while
SDA is LOW, the selected wiper will move one resistor
segment towards the VL/RL terminal. A detailed illustration of
the sequence and timing for this operation are shown in
Figures 5 and 6 respectively.
NOTE: (1)1/0 = data is one or zero
INSTRUCTION
INSTRUCTION SET
OPERATION
I3
I2
I1
I0
R1
R0
X1
X0
Read Wiper Counter Register
1
0
0
1
0
0
0
0
Read the contents of the Wiper Counter Register
Write Wiper Counter Register
1
0
1
0
0
0
0
0
Write new value to the Wiper Counter Register
Read Data Register
1
0
1
1
1/0
1/0
0
0
Read the contents of the Data Register pointed to by R1 - R0
Write Data Register
1
1
0
0
1/0
1/0
0
0
Write new value to the Data Register pointed to by R1 - R0
XFR Data Register to Wiper
Counter Register
1
1
0
1
1/0
1/0
0
0
Transfer the contents of the Data Register pointed to by R1 - R0
to its Wiper Counter Register
XFR Wiper Counter
Register to Data Register
1
1
1
0
1/0
1/0
0
0
Transfer the contents of the Wiper Counter Register to the Data
Register pointed to by R1 - R0
Increment/Decrement Wiper
Counter Register
0
0
1
0
0
0
0
0
Enable Increment/decrement of the Wiper Counter Register
S
T
A
R
T
0
1
0
1
A3 A2 0
A0
A
C
K
I3
I2
I1
I0
R1 R0
0
0
A
C
K
SCL
SDA
S
T
O
P
A
C
K
0
0
D5 D4
D3 D2
D1 D0
FIGURE 4. THREE-BYTE INSTRUCTION SEQUENCE
S
T
A
R
T
01
01
A3
A2
0A0
A
C
K
I3
I2
I1
I0
R0
0
0
A
C
K
SCL
SDA
S
T
O
P
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
R1
FIGURE 5. INCREMENT/DECREMENT INSTRUCTION SEQUENCE
X9429


Similar Part No. - X9429YV14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9429YV14I INTERSIL-X9429YV14I Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429YV14I-2.7 INTERSIL-X9429YV14I-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429YV14IZ INTERSIL-X9429YV14IZ Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
X9429YV14IZ-2.7 INTERSIL-X9429YV14IZ-2.7 Datasheet
367Kb / 21P
   Single Digitally Controlled Potentiometer
More results

Similar Description - X9429YV14I

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com