Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100E164JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100E164JC
Description  16:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100E164JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100E164JC Datasheet HTML 1Page - Micrel Semiconductor SY100E164JC Datasheet HTML 2Page - Micrel Semiconductor SY100E164JC Datasheet HTML 3Page - Micrel Semiconductor SY100E164JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Pin
Function
A0 – A15
Data Inputs
SEL[0:3]
Select Inputs
Q, Q
Outputs
VCCO
VCC to Output
DESCRIPTION
FEATURES
s 850ps Data Input to Output
s Extended 100E VEE range of –4.2V to –5.5V
s Differential output
s Fully compatible with industry standard 10KH,
100K ECL levels
s Internal 75K
input pull-down resistors
s Fully compatible with Motorola MC10E/100E164
s Available in 28-pin PLCC package
The SY10/100E164 are 16:1 multiplexers with a
differential output. The select inputs (SEL0,1,2,3) control
which one of the sixteen data inputs (A0–A15) is
propagated to the output.
Special attention to the design layout results in a typical
skew between the 16 inputs of only 50ps.
16:1
MULTIPLEXER
SY10E164
SY100E164
Rev.: D
Amendment: /0
Issue Date:
July, 1999
BLOCK DIAGRAM
Q
A0
A14
16:1
Q
SEL0
A1
A15
SEL1
SEL2
SEL3
PIN CONFIGURATION
PIN NAMES
VEE
A9
A8
SEL0
SEL2
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25 24 23 22 21 20 19
56789
10 11
SEL1
SEL3
NC
PLCC
TOP VIEW
J28-1
NC
VCC
Q
Q
VCCO
A0
1


Similar Part No. - SY100E164JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100E164JC MICREL-SY100E164JC Datasheet
59Kb / 4P
   16:1 MULTIPLEXER
SY100E164JCTR MICREL-SY100E164JCTR Datasheet
59Kb / 4P
   16:1 MULTIPLEXER
More results

Similar Description - SY100E164JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E164 MICREL-SY10E164_06 Datasheet
59Kb / 4P
   16:1 MULTIPLEXER
logo
National Semiconductor ...
DM74LS450 NSC-DM74LS450 Datasheet
128Kb / 6P
   16:1 Multiplexer
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164 Datasheet
98Kb / 4P
   16:1 MULTIPLEXER
1996 REV 2
logo
Mitsubishi Electric Sem...
M69897VP MITSUBISHI-M69897VP Datasheet
61Kb / 10P
   16:1 2.488 Gbps Multiplexer
logo
Integrated Device Techn...
ICS850S1601I IDT-ICS850S1601I Datasheet
765Kb / 12P
   16:1 SINGLE-ENDED MULTIPLEXER
logo
ON Semiconductor
MC10E164 ONSEMI-MC10E164_06 Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
MC100LVE164 ONSEMI-MC100LVE164_06 Datasheet
120Kb / 7P
   3.3V ECL 16:1 Multiplexer
November, 2006 ??Rev. 6
logo
Renesas Technology Corp
ICS850S1601I RENESAS-ICS850S1601I Datasheet
911Kb / 13P
   16:1 SINGLE-ENDED MULTIPLEXER
AUGUST 15, 2008
logo
ON Semiconductor
MC100LVE164 ONSEMI-MC100LVE164 Datasheet
117Kb / 4P
   LOW VOLTAGE 16:1 MULTIPLEXER
1996 REV 1
logo
Fairchild Semiconductor
MM74C150 FAIRCHILD-MM74C150 Datasheet
69Kb / 8P
   16-Line to 1-Line Multiplexer 3-STATE . 16-Line to 1-Line Multiplexer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com