Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9511WPIZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9511WPIZ
Description  Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9511WPIZ Datasheet(HTML) 5 Page - Intersil Corporation

  X9511WPIZ Datasheet HTML 1Page - Intersil Corporation X9511WPIZ Datasheet HTML 2Page - Intersil Corporation X9511WPIZ Datasheet HTML 3Page - Intersil Corporation X9511WPIZ Datasheet HTML 4Page - Intersil Corporation X9511WPIZ Datasheet HTML 5Page - Intersil Corporation X9511WPIZ Datasheet HTML 6Page - Intersil Corporation X9511WPIZ Datasheet HTML 7Page - Intersil Corporation X9511WPIZ Datasheet HTML 8Page - Intersil Corporation X9511WPIZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN8205.3
February 2, 2007
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65
°C to +135°C
Storage temperature.......................... -65
°C to +150°C
Voltage on PU, PD, and VCC
with respect to VSS ................................. -1V to +7V
Voltage on VH and VL
referenced to VSS ................................... -8V to +8V
ΔV = |VH - VL|
X9511W ............................................................. 10V
Lead temperature (soldering 10 seconds) ....... +300
°C
Wiper current
........................................................... ±1mA
ESD Rating
Human Body Model
(Per MIL-STD-883 Method 3015.7) .................... 2.5kV
Machine Model
(Per EIAJ ED-4701 Method C-111)...................... 250V
ANALOG CHARACTERISTICS
Electrical Characteristics
End-to-end resistance tolerance
...........................±20%
Power rating at +25
°C
X9511W ......................................................... 10mW
Wiper current
.................................................±1mA Max.
Typical wiper resistance .......................................40
Ω
Typical noise..............................< -120dB/
√Hz Ref: 1V
Resolution
Resistance ............................................................. 3%
Linearity
Absolute linearity(1)
..........................................±1.0 MI(2)
Relative linearity(3)
...........................................±0.2 MI(2)
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
Temperature Coefficient
-40
°C to +85°C
X9511W ......................................+300 ppm/
°C Typical
Ratiometric temperature coefficient
................±20 ppm
Wiper Adjustability
Unlimited wiper adjustment ....... (Non-Store operation)
Wiper position store operations.......................100,000
data changes
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = [VW(n) - (n*MI + VW(0))]/MI = ±1 MI
Maximum.
(2) 1 Ml = Minimum Increment = RTOT/31 for resistor mode or 1MI = [VW(31) - VW(0)]/31 for voltage divider mode.
(3) Relative linearity is a measure of the error in step size between taps = (VW(n+1) - VW(n) ] )/MI - 1= ±0.2 MI
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
X9511


Similar Part No. - X9511WPIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511WPIZ INTERSIL-X9511WPIZ Datasheet
201Kb / 9P
   The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
logo
Renesas Technology Corp
X9511WPIZ RENESAS-X9511WPIZ Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9511WPIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Renesas Technology Corp
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com