Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X95820WV14I-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X95820WV14I-2.7
Description  Low Noise/Low Power/I2C® Bus/256 Taps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X95820WV14I-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X95820WV14I-2.7 Datasheet HTML 4Page - Intersil Corporation X95820WV14I-2.7 Datasheet HTML 5Page - Intersil Corporation X95820WV14I-2.7 Datasheet HTML 6Page - Intersil Corporation X95820WV14I-2.7 Datasheet HTML 7Page - Intersil Corporation X95820WV14I-2.7 Datasheet HTML 8Page - Intersil Corporation X95820WV14I-2.7 Datasheet HTML 9Page - Intersil Corporation X95820WV14I-2.7 Datasheet HTML 10Page - Intersil Corporation X95820WV14I-2.7 Datasheet HTML 11Page - Intersil Corporation X95820WV14I-2.7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN8212.2
July 18, 2006
Write Operation
A Write operation requires a START condition, followed by a
valid Identification Byte, a valid Address Byte, a Data Byte,
and a STOP condition. After each of the three bytes, the
X95820 responds with an ACK. At this time, if the Data Byte
is to be written only to volatile registers, then the device
enters its standby state. If the Data Byte is to be written also
to non-volatile memory, the X95820 begins its internal write
cycle to non-volatile memory. During the internal non-volatile
write cycle, the device ignores transitions at the SDA and
SCL pins, and the SDA output is at a high impedance state.
When the internal non-volatile write cycle is completed, the
X95820 enters its standby state (See Figure 17).
The byte at address 00001000 bin (8 decimal) determines if
the Data Byte is to be written to volatile and/or non-volatile
memory. See “Memory Description” on page 9.
Data Protection
The WP pin has to be at logic HIGH to perform any Write
operation to the device. When the WP is active (LOW) the
device ignores Data Bytes of a Write Operation, does not
respond to the Data Bytes with an ACK, and instead, goes to
its standby state waiting for a new START condition.
A STOP condition also acts as a protection of non-volatile
memory. A valid Identification Byte, Address Byte, and total
number of SCL pulses act as a protection of both volatile
and non-volatile registers. During a Write sequence, the
Data Byte is loaded into an internal shift register as it is
received. If the Address Byte is 0, 1, or 8 decimal, the Data
Byte is transferred to the appropriate Wiper Register (WR) or
to the Access Control Register, at the falling edge of the SCL
pulse that loads the last bit (LSB) of the Data Byte. If the
Address Byte is between 0 and 6 (inclusive), and the Access
Control Register is all zeros (default), then the STOP
condition initiates the internal write cycle to non-volatile
memory.
Read Operation
A Read operation consists of a three byte instruction
followed by one or more Data Bytes (See Figure 18). The
master initiates the operation issuing the following
sequence: a START, the Identification byte with the R/W bit
set to “0”, an Address Byte, a second START, and a second
Identification byte with the R/W bit set to “1”. After each of
the three bytes, the X95820 responds with an ACK. Then the
X95820 transmits Data Bytes as long as the master
responds with an ACK during the SCL cycle following the
eight bit of each byte. The master terminates the read
operation (issuing a STOP condition) following the last bit of
the last Data Byte (See Figure 18).
The Data Bytes are from the memory location indicated by
an internal pointer. This pointer initial value is determined by
the Address Byte in the Read operation instruction, and
increments by one during transmission of each Data Byte.
After reaching the memory location 01Fh (8 decimal) the
pointer “rolls over” to 00h, and the device continues to output
data for each ACK received.
The byte at address 00001000 bin (8 decimal) determines if
the Data Bytes being read are from volatile or non-volatile
memory. See “Memory Description” on page 9.
Signals
from the
Master
Signals from the
Slave
Signal at SDA
S
t
a
r
t
Identification
Byte
with
R/W=0
Address
Byte
A
C
K
A
C
K
1
0
1
00
S
t
o
p
A
C
K
1
1
1
00
Identification
Byte
with
R/W=1
A
C
K
S
t
a
r
t
Last Read Data
Byte
First Read Data
Byte
A
C
K
FIGURE 18. READ SEQUENCE
X95820


Similar Part No. - X95820WV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers
X95820WV14I-2.7 INTERSIL-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers
logo
Renesas Technology Corp
X95820WV14I-2.7 RENESAS-X95820WV14I-2.7 Datasheet
1Mb / 12P
   Dual Digital Controlled Potentiometers (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
More results

Similar Description - X95820WV14I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL90842UIV1427Z INTERSIL-ISL90842UIV1427Z Datasheet
676Kb / 10P
   Low Noise, Low Power I2C® Bus, 256 Taps
January 16, 2006
ISL22323TFV14Z INTERSIL-ISL22323TFV14Z Datasheet
751Kb / 19P
   Low Noise, Low Power, I2C® Bus, 256 Taps
August 17, 2015
ISL90840 INTERSIL-ISL90840 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL90810 INTERSIL-ISL90810 Datasheet
1Mb / 11P
   Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 INTERSIL-ISL95810_06 Datasheet
1Mb / 13P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22343TFV20Z INTERSIL-ISL22343TFV20Z Datasheet
738Kb / 19P
   Low Noise, Low Power, I2C Bus, 256 Taps
August 17, 2015
ISL90842 INTERSIL-ISL90842 Datasheet
1Mb / 12P
   Low Noise, Low Power, I2C Bus, 256 Taps
ISL90841 INTERSIL-ISL90841 Datasheet
1Mb / 12P
   Low Noise, Low Power I2C Bus, 256 Taps
ISL22424TFV14Z INTERSIL-ISL22424TFV14Z Datasheet
760Kb / 20P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
ISL22414TFU10Z INTERSIL-ISL22414TFU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com