Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X93256UV14IZ-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X93256UV14IZ-2.7
Description  Dual Digitally Controlled Potentiometers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X93256UV14IZ-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

  X93256UV14IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X93256UV14IZ-2.7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FN8188.2
February 1, 2008
section operates just like an up/down counter. The output of
this counter is decoded to turn on a single electronic switch
connecting a point on the resistor array to the wiper output.
Under the proper conditions, the contents of the counter can
be stored in nonvolatile memory and retained for future use.
Each resistor array is comprised of 31 individual resistors
connected in series. At either end of the array and between
each resistor is an electronic switch that transfers the
connection at that point to the wiper.
Each wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
If the wiper is moved several positions, multiple taps are
connected to the wiper for tIW (INC to VW change). The
2-terminal resistance value for the device can temporarily
change by a significant amount if the wiper is moved several
positions.
When the device is powered-down, the last wiper position
stored will be maintained in the nonvolatile memory for each
potentiometer. When power is restored, the contents of the
memory are recalled and each wiper is set to the value last
stored.
Instructions and Programming
The INC, U/D and CS inputs control the movement of the
pertaining wiper along the resistor array. With CS set LOW
the pertaining potentiometer is selected and enabled to
respond to the U/D and INC inputs. HIGH to LOW transitions
on INC will increment or decrement (depending on the state
of the U/D input) a 5-bit counter. The output of this counter is
decoded to select one of thirty two wiper positions along the
resistive array.
The value of the counter is stored in nonvolatile memory
whenever each CS transitions HIGH while the pertaining
INC input is also HIGH. In order to avoid an accidental store
during power-up, each CS must go HIGH with VCC during
initial power-up. When left open, each CS pin is internally
pulled up to VCC by an internal 30k resistor.
The system may select the X93256, move any wiper and
deselect the device without having to store the latest wiper
position in nonvolatile memory. After the wiper movement is
performed as previously described and once the new
position is reached, the system must keep INC LOW while
taking CS HIGH. The new wiper position will be maintained
until changed by the system or until a power-up/down cycle
recalled the previously stored data. In order to recall the
stored position of the wiper on power-up, the CS pin must be
held HIGH.
This procedure allows the system to always power-up to a
preset value stored in nonvolatile memory; then during
system operation minor adjustments could be made. The
adjustments might be based on user preference, system
parameter changes due to temperature drift, or other system
trim requirements.
The state of U/D may be changed while CS remains LOW.
This allows the host system to enable the device and then
move each wiper up and down until the proper trim is
attained.
Symbol Table
Mode Selection
CS
INC
U/D
MODE
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby Current
L
X
No Store, Return to Standby
L
H
Wiper Up (not recommended)
L
L
Wiper Down (not recommended)
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
X93256


Similar Part No. - X93256UV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93256UV14IZ-2.7 INTERSIL-X93256UV14IZ-2.7 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
logo
Renesas Technology Corp
X93256UV14IZ-2.7 RENESAS-X93256UV14IZ-2.7 Datasheet
410Kb / 7P
   Dual Digitally Controlled Potentiometers (XDCPs™)
February 1, 2008
More results

Similar Description - X93256UV14IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
X93255 INTERSIL-X93255 Datasheet
183Kb / 8P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9269 XICOR-X9269 Datasheet
422Kb / 25P
   Dual Digitally-Controlled Potentiometers
logo
Intersil Corporation
X9260 INTERSIL-X9260_06 Datasheet
338Kb / 23P
   Dual Digitally-Controlled Potentiometers
ISL22326 INTERSIL-ISL22326 Datasheet
487Kb / 13P
   Dual Digitally Controlled Potentiometers
X9268 INTERSIL-X9268_06 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
X9269 INTERSIL-X9269_07 Datasheet
346Kb / 24P
   Dual Digitally-Controlled Potentiometers
X9418 INTERSIL-X9418_06 Datasheet
340Kb / 20P
   Dual Digitally Controlled Potentiometers
X93256 INTERSIL-X93256_06 Datasheet
333Kb / 9P
   Dual Digitally Controlled Potentiometers
logo
Xicor Inc.
X9418 XICOR-X9418 Datasheet
386Kb / 21P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com