Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9408YV24Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9408YV24Z
Description  Quad Digitally Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9408YV24Z Datasheet(HTML) 1 Page - Intersil Corporation

  X9408YV24Z Datasheet HTML 1Page - Intersil Corporation X9408YV24Z Datasheet HTML 2Page - Intersil Corporation X9408YV24Z Datasheet HTML 3Page - Intersil Corporation X9408YV24Z Datasheet HTML 4Page - Intersil Corporation X9408YV24Z Datasheet HTML 5Page - Intersil Corporation X9408YV24Z Datasheet HTML 6Page - Intersil Corporation X9408YV24Z Datasheet HTML 7Page - Intersil Corporation X9408YV24Z Datasheet HTML 8Page - Intersil Corporation X9408YV24Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
X9408
Low Noise/Low Power/2-Wire Bus
Quad Digitally Controlled (XDCP™)
Potentiometers
Description
The X9408 integrates four digitally controlled potentiometers
(XDCP) on a monolithic CMOS integrated circuit.
The digital controlled potentiometer is implemented using 63
resistive elements in a series array. Between each element
are tap points connected to the wiper terminal through
switches. The position of the wiper on the array is controlled
by the user through the 2-wire bus interface. Each
potentiometer has associated with it a volatile Wiper Counter
Register (WCR) and four non-volatile Data Registers that
can be directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the resistor
array though the switches. Power-up recalls the contents of
the default data register (DR0) to the WCR.
The XDCP can be used as a three-terminal potentiometer or
as a two terminal variable resistor in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Features
• Four Potentiometers in One Package
• 64 Resistor Taps per Potentiometer
• 2-wire Serial Interface
• Wiper Resistance, 40
Ω Typical at 5V
• Four Nonvolatile Data Registers for Each Pot
• Nonvolatile Storage of Wiper Position
• Standby Current < 1µA max (Total Package)
•VCC = 2.7V to 5.5V Operation
V+ = 2.7V to 5.5V
V- = -2.7V to -5.5V
•10k
Ω, 2.5kΩ End to End Resistances
• High reliability
• Endurance–100,000 Data Changes Per Bit Per Register
• Register Data Retention–100 years
• 24 Ld SOIC, 24 Ld TSSOP, 24 Ld PDIP Packages
• Pb-Free (RoHS Compliant)
Block Diagram
INTERFACE
AND
CONTROL
CIRCUITRY
SCL
SDA
A0
A1
A2
A3
R0
R1
R2
R3
WIPER
COUNTER
REGISTER
(WCR)
RESISTOR
ARRAY
POT 1
VH1/RH1
VL1/RL1
R0
R1
R2
R3
WIPER
COUNTER
REGISTER
(WCR)
VH0/RH0
VL0/RL0
DATA
8
VW0/RW0
VW1/RW1
R0
R1
R2
R3
RESISTOR
ARRAY
VH2/RH2
VL2/RL2
VW2/RW2
R0
R1
R2
R3
RESISTOR
ARRAY
VH3/RH3
VL3/RL3
VW3/RW3
WIPER
COUNTER
REGISTER
(WCR)
WIPER
COUNTER
REGISTER
(WCR)
POT 3
POT 2
WP
POT 0
VCC
VSS
V+
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8191.4
January 15, 2009


Similar Part No. - X9408YV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9408YV24Z INTERSIL-X9408YV24Z Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
X9408YV24Z INTERSIL-X9408YV24Z Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Renesas Technology Corp
X9408YV24Z RENESAS-X9408YV24Z Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
logo
Intersil Corporation
X9408YV24Z-2.7 INTERSIL-X9408YV24Z-2.7 Datasheet
373Kb / 21P
   Low Noise/Low Power/2-Wire Bus
logo
Renesas Technology Corp
X9408YV24Z-2.7 RENESAS-X9408YV24Z-2.7 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
More results

Similar Description - X9408YV24Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com