Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9400WV24IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9400WV24IZ-2.7
Description  Quad Digitally Controlled Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9400WV24IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9400WV24IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9400WV24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9400WV24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9400WV24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9400WV24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9400WV24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9400WV24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9400WV24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9400WV24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN8189.4
September 2, 2015
PIN NAMES
DEVICE DESCRIPTION
The X9400 is a highly integrated microcircuit
incorporating four resistor arrays and their associated
registers and counters and the serial interface logic
providing direct communication between the host and
the XDCP potentiometers.
Serial Interface
The X9400 supports the SPI interface hardware
conventions. The device is accessed via the SI input
with data clocked in on the rising SCK. CS must be
LOW and the HOLD and WP pins must be HIGH
during the entire operation.
The SO and SI pins can be connected together, since
they have three state outputs. This can help to reduce
system pin count.
Array Description
The X9400 is comprised of four resistor arrays. Each
array contains 63 discrete resistive segments that are
connected in series. The physical ends of each array
are equivalent to the fixed terminals of a mechanical
potentiometer (VH/RH and VL/RL inputs).
At both ends of each array and between each resistor
segment is a CMOS switch connected to the wiper
(VW/RW) output. Within each individual array only one
switch may be turned on at a time.
These switches are controlled by a wiper counter
register (WCR). The six bits of the WCR are decoded
to select, and enable, one of sixty-four switches.
Wiper Counter Register (WCR)
The X9400 contains four Wiper Counter Registers,
one for each XDCP potentiometer. The WCR is
equivalent to a serial-in, parallel-out register/counter
with its outputs decoded to select one of sixty-four
switches along its resistor array. The contents of the
WCR can be altered in four ways: it may be written
directly by the host via the write Wiper Counter
Register instruction (serial load); it may be written
indirectly by transferring the contents of one of four
associated data registers via the XFR Data Register or
global XFR data register instructions (parallel load); it
can be modified one step at a time by the
increment/decrement instruction. Finally, it is loaded
with the contents of its Data Register zero (DR0) upon
power-up.
The Wiper Counter Register is a volatile register; that
is, its contents are lost when the X9400 is powered-
down. Although the register is automatically loaded
with the value in DR0 upon power-up, this may be
different from the value present at power-down.
Data Registers
Each potentiometer has four 6-bit nonvolatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Counter
Register. All operations changing data in one of the
data registers is a nonvolatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can
be used as regular memory locations for system
parameters or user preference data.
Data Register Detail
Symbol
Description
SCK
Serial Clock
SI, SO
Serial Data
A0 - A1
Device Address
VH0/RH0 - VH3/RH3,
VL0/RL0 - VL3/RL3
Potentiometer Pins (terminal
equivalent)
VW0/RW0 - VW1/RW1
Potentiometer Pins (wiper
equivalent)
WP
Hardware Write Protection
VCC
System Supply Voltage
VSS
System Ground
NC
No Connection
(MSB)
(LSB)
D5
D4
D3
D2
D1
D0
NV
NV
NV
NV
NV
NV
X9400


Similar Part No. - X9400WV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9400WV24IZ-2.7 INTERSIL-X9400WV24IZ-2.7 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
X9400WV24IZ-2.7 RENESAS-X9400WV24IZ-2.7 Datasheet
819Kb / 20P
   Low Noise/Low Power/SPI Bus Quad Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9400WV24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
485Kb / 13P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com