Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9401WS24IZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9401WS24IZ
Description  Quad, 64 Tap, Digitally Controlled Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401WS24IZ Datasheet(HTML) 5 Page - Intersil Corporation

  X9401WS24IZ Datasheet HTML 1Page - Intersil Corporation X9401WS24IZ Datasheet HTML 2Page - Intersil Corporation X9401WS24IZ Datasheet HTML 3Page - Intersil Corporation X9401WS24IZ Datasheet HTML 4Page - Intersil Corporation X9401WS24IZ Datasheet HTML 5Page - Intersil Corporation X9401WS24IZ Datasheet HTML 6Page - Intersil Corporation X9401WS24IZ Datasheet HTML 7Page - Intersil Corporation X9401WS24IZ Datasheet HTML 8Page - Intersil Corporation X9401WS24IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN8190.5
September 14, 2015
I
The four high order bits of the instruction byte specify the
operation. The next two bits (R1 and R0) select one of the
four registers that is to be acted upon when a register
oriented instruction is issued. The last two bits (P1 and P0)
selects which one of the four potentiometers is to be affected
by the instruction.
Four of the ten instructions are two bytes in length and end
with the transmission of the instruction byte. These
instructions are:
• XFR Data Register to Wiper Counter Register: This
transfers the contents of one specified Data Register to
the associated Wiper Counter Register.
• XFR Wiper Counter Register to Data Register: This
transfers the contents of the specified Wiper Counter
Register to the specified associated Data Register.
• Global XFR Data Register to Wiper Counter Register: This
transfers the contents of all specified Data Registers to the
associated Wiper Counter Registers.
• Global XFR Wiper Counter Register to Data
Register: This transfers the contents of all Wiper Counter
Registers to the specified associated Data Registers.
The basic sequence of the two byte instructions is illustrated
in Figure 3. These two-byte instructions exchange data
between the WCR and one of the data registers. A transfer
from a data register to a WCR is essentially a write to a static
RAM, with the static RAM controlling the wiper position. The
response of the wiper to this action will be delayed by tWRL.
A transfer from the WCR (current wiper position), to a data
register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the four potentiometers and one of its
associated registers; or it may occur globally, where the
transfer occurs between all potentiometers and one
associated register.
Five instructions require a three-byte sequence to complete.
These instructions transfer data between the host and the
X9401; either between the host and one of the data registers
or directly between the host and the Wiper Counter Register.
These instructions are:
• Read Wiper Counter Register: read the current wiper
position of the selected pot,
• Write Wiper Counter Register: change current wiper
position of the selected pot,
• Read Data Register: read the contents of the selected
data register;
• Write Data Register: write a new value to the selected data
register.
• Read Status: This command returns the contents of the
WIP bit which indicates if the internal write cycle is in
progress.
The sequence of these operations is shown in Figure 4 and
Figure 5.
The final command is Increment/Decrement. It is different
from the other commands, because it’s length is
indeterminate. Once the command is issued, the master can
clock the selected wiper up and/or down in one resistor
segment steps; thereby, providing a fine tuning capability to
the host. For each SCK clock pulse (tHIGH) while SI is HIGH,
the selected wiper will move one resistor segment towards
the VH/RH terminal. Similarly, for each SCK clock pulse
while SI is LOW, the selected wiper will move one resistor
segment towards the VL/RL terminal. A detailed illustration of
the sequence and timing for this operation are shown in
Figure 6 and Figure 7.
I1
I2
I3
I0
R1
R0
P1
P0
POT SELECT
INSTRUCTIONS
FIGURE 2. IDENTIFICATION BYTE FORMAT
X9401


Similar Part No. - X9401WS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401WS24IZ INTERSIL-X9401WS24IZ Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9401WS24IZ RENESAS-X9401WS24IZ Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9401WS24IZ-2.7 INTERSIL-X9401WS24IZ-2.7 Datasheet
371Kb / 20P
   Low Noise/Low Power/SPI Bus
More results

Similar Description - X9401WS24IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9401 INTERSIL-X9401_06 Datasheet
339Kb / 19P
   Quad, 64 Tap, Digitally Controlled Potentiometer
X9401 INTERSIL-X9401_09 Datasheet
346Kb / 18P
   Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
X9252YV24IZ-2.7 INTERSIL-X9252YV24IZ-2.7 Datasheet
445Kb / 19P
   Quad Digitally-Controlled Potentiometer
July 24, 2014
logo
Renesas Technology Corp
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL22449 INTERSIL-ISL22449 Datasheet
356Kb / 12P
   Quad Digitally Controlled Potentiometer
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23345 RENESAS-ISL23345 Datasheet
1Mb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
June 21, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com