Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9317WS8IZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9317WS8IZ
Description  Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9317WS8IZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9317WS8IZ Datasheet HTML 4Page - Intersil Corporation X9317WS8IZ Datasheet HTML 5Page - Intersil Corporation X9317WS8IZ Datasheet HTML 6Page - Intersil Corporation X9317WS8IZ Datasheet HTML 7Page - Intersil Corporation X9317WS8IZ Datasheet HTML 8Page - Intersil Corporation X9317WS8IZ Datasheet HTML 9Page - Intersil Corporation X9317WS8IZ Datasheet HTML 10Page - Intersil Corporation X9317WS8IZ Datasheet HTML 11Page - Intersil Corporation X9317WS8IZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
X9317
8
FN8183.9
November 4, 2014
Submit Document Feedback
Pin Descriptions
RH and RL
The high (RH) and low (RL) terminals of the X9317 are equivalent
to the fixed terminals of a mechanical potentiometer. The
terminology of RL and RH references the relative position of the
terminal in relation to wiper movement direction selected by the
U/D input and not the voltage potential on the terminal.
RW
RW is the wiper terminal and is equivalent to the movable
terminal of a mechanical potentiometer. The position of the
wiper within the array is determined by the control inputs. The
wiper terminal series resistance is typically 200Ω.
Up/Down (U/D)
The U/D input controls the direction of the wiper movement and
whether the counter is incremented or decremented.
Increment (INC)
The INC input is negative-edge triggered. Toggling INC will move
the wiper and either increment or decrement the counter in the
direction indicated by the logic level on the U/D input.
Chip Select (CS)
The device is selected when the CS input is LOW. The current
counter value is stored in nonvolatile memory when CS is
returned HIGH while the INC input is also HIGH. After the store
operation is complete, the X9317 will be placed in the low power
standby mode until the device is selected once again.
Principles of Operation
There are three sections of the X9317: the control section, the
nonvolatile memory, and the resistor array. The control section
operates just like an up/down counter. The output of this counter
is decoded to turn on a single electronic switch connecting a
point on the resistor array to the wiper output. The contents of the
counter can be stored in nonvolatile memory and retained for
future use. The resistor array is comprised of 99 individual
resistors connected in series. Electronic switches at either end of
the array and between each resistor provide an electrical
connection to the wiper pin, RW.
The wiper acts like its mechanical equivalent and does not move
beyond the first or last position. That is, the counter does not
wrap around when clocked to either extreme.
The electronic switches on the device operate in a “make before
break” mode when the wiper changes tap positions. If the wiper
is moved several positions, multiple taps are connected to the
wiper for tIW (INC to VW change). The RTOTAL value for the device
can temporarily be reduced by a significant amount if the wiper
is moved several positions.
When the device is powered-down, the last wiper position stored
will be maintained in the nonvolatile memory. When power is
restored, the contents of the memory are recalled and the wiper
is set to the value last stored.
Instructions and Programming
The INC, U/D and CS inputs control the movement of the wiper
along the resistor array. With CS set LOW, the device is selected
and enabled to respond to the U/D and INC inputs. HIGH-to-LOW
transitions on INC will increment or decrement (depending on the
state of the U/D input) a 7-bit counter. The output of this counter
is decoded to select one of one hundred wiper positions along
the resistive array.
The value of the counter is stored in nonvolatile memory
whenever CS transitions HIGH while the INC input is also HIGH.
The system may select the X9317, move the wiper and deselect
the device without having to store the latest wiper position in
nonvolatile memory. After the wiper movement is performed as
previously described and once the new position is reached, the
system must keep INC LOW while taking CS HIGH. The new wiper
position will be maintained until changed by the system or until a
power-up/down cycle recalls the previously stored data.
This procedure allows the system to always power-up to a preset
value stored in nonvolatile memory; then during system
operation minor adjustments could be made. The adjustments
might be based on user preference, system parameter changes
due to temperature drift, etc.
The state of U/D may be changed while CS remains LOW. This
allows the host system to enable the device and then move the
wiper up and down until the proper trim is attained.
Applications Information
Electronic digitally controlled (XDCP) potentiometers provide
three powerful application advantages:
1. The variability and reliability of a solid-state potentiometer,
2. The flexibility of computer-based digital controls, and
3. The retentivity of nonvolatile memory used for the storage of
multiple potentiometer settings or data.
Mode Selection
CS
INC
U/D
MODE
LH
Wiper up
L
L
Wiper down
H
X
Store wiper position to nonvolatile
memory
HX
X
Standby
L
X
No store, return to standby
L
H
Wiper up (not recommended)
L
L
Wiper down (not recommended)


Similar Part No. - X9317WS8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317WS8IZ INTERSIL-X9317WS8IZ Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317WS8IZ INTERSIL-X9317WS8IZ Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9317WS8IZ RENESAS-X9317WS8IZ Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9317WS8IZ-2.7 INTERSIL-X9317WS8IZ-2.7 Datasheet
333Kb / 15P
   Low Noise, Low Power, 100 Taps
X9317WS8IZ-2.7 INTERSIL-X9317WS8IZ-2.7 Datasheet
431Kb / 13P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9317WS8IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9317 RENESAS-X9317 Datasheet
625Kb / 13P
   Low Noise, Low Power, 100 Taps, Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
   Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
ISL22424 RENESAS-ISL22424 Datasheet
1Mb / 20P
   Dual Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, SPI짰 Bus, 256 Taps
ISL22316 RENESAS-ISL22316 Datasheet
934Kb / 16P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
ISL90810 RENESAS-ISL90810 Datasheet
1Mb / 12P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise/Low Power/I2C Bus/256 Taps
ISL95810 RENESAS-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power I2C Bus, 256 Taps
ISL22323 RENESAS-ISL22323 Datasheet
1Mb / 19P
   Dual Digitally Controlled Potentiometer (XDCP) Low Noise, Low Power, I2C Bus, 256 Taps
Aug 17, 2015
ISL22316WM RENESAS-ISL22316WM Datasheet
206Kb / 3P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
ISL22317 RENESAS-ISL22317 Datasheet
848Kb / 15P
   Precision Single Digitally Controlled Potentiometer (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com