Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9250UV24I-2.7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9250UV24I-2.7
Description  Quad Digitally Controlled Potentiometers (XDCP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9250UV24I-2.7 Datasheet(HTML) 1 Page - Intersil Corporation

  X9250UV24I-2.7 Datasheet HTML 1Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 2Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 3Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9250UV24I-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
X9250
Low Noise/Low Power/SPI Bus/256 Taps
Quad Digitally Controlled Potentiometers
(XDCP™)
FEATURES
• Four potentiometers in one package
• 256 resistor taps/pot - 0.4% resolution
• SPI serial interface
• Wiper resistance, 40
Ω typical @ VCC = 5V
• Four nonvolatile data registers for each pot
• Nonvolatile storage of wiper position
• Standby current < 5µA max (total package)
• Power supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V– = -2.7V to -5.5V
• 100k
Ω, 50kΩ total pot resistance
• High reliability
—Endurance – 100,000 data changes per bit per
register
—Register data retention - 100 years
• 24 Ld SOIC, 24 Ld TSSOP
• Dual supply version of X9251
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
The
X9250
integrates
4
digitally
controlled
potentiometers (XDCP) on a monolithic CMOS
integrated circuit.
The digitally controlled potentiometer is implemented
using 255 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
SPI bus interface. Each potentiometer has associated
with it a volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array though the switches. Power up recalls
the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
VH1/RH1
VL1/RL1
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
CS
SCK
A0
A1
VH0/RH0
VL0/RL0
Data
8
VW0/RW0
VW1/RW1
SO
SI
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 2
VH2/RH2
VL2/RL2
VW2/RW2
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Resistor
Array
Pot 3
VH3/RH3
VL3/RH3
VW3/RW3
Pot1
HOLD
WP
Pot 0
VCC
VSS
V+
V-
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8165.3
August 29, 2006


Similar Part No. - X9250UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250UV24I-2.7 XICOR-X9250UV24I-2.7 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250UV24I-2.7 INTERSIL-X9250UV24I-2.7 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
X9250UV24I-2.7 INTERSIL-X9250UV24I-2.7 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
X9250UV24I-2.7 RENESAS-X9250UV24I-2.7 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9250UV24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com