Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9268TS24IZ-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9268TS24IZ-2.7
Description  Dual Digitally-Controlled (XDCP) Potentiometers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9268TS24IZ-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9268TS24IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X9268TS24IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X9268TS24IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X9268TS24IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X9268TS24IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X9268TS24IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X9268TS24IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X9268TS24IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X9268TS24IZ-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
FN8172.4
August 29, 2006
PIN CONFIGURATION
PIN ASSIGNMENTS
Pin
(SOIC)
Symbol
Function
1
NC
No Connect
2
A0
Device Address for 2-Wire bus.
3
NC
No Connect
4
NC
No Connect
5
NC
No Connect
6
V+
Analog Suppy Pin (Positive)
7VCC
System Supply Voltage
8RL0
Low Terminal for Potentiometer 0.
9RH0
High Terminal for Potentiometer 0.
10
RW0
Wiper Terminal for Potentiometer 0.
11
A2
Device Address for 2-Wire bus.
12
WP
Hardware Write Protect
13
SDA
Serial Data Input/Output for 2-Wire bus.
14
A1
Device Address for 2-Wire bus.
15
RL1
Low Terminal for Potentiometer 1.
16
RH1
High Terminal for Potentiometer 1.
17
RW1
Wiper Terminal for Potentiometer 1.
18
VSS
System Ground
19
V-
Analog Supply Pin (Negative)
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCL
Serial Clock for 2-Wire bus.
24
A3
Device Address for 2-Wire bus.
NC
A0
NC
V+
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
A3
SCL
NC
NC
NC
V-
VSS
RW1
RH1
RL1
24 LD SOIC
X9268
NC
14
13
11
12
NC
RH0
RW0
A2
A1
SDA
WP
X9268


Similar Part No. - X9268TS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9268TS24IZ-2.7 INTERSIL-X9268TS24IZ-2.7 Datasheet
320Kb / 22P
   Dual Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9268TS24IZ-2.7 RENESAS-X9268TS24IZ-2.7 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9268TS24IZ-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
X93254 INTERSIL-X93254 Datasheet
208Kb / 10P
   Dual Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com