Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9250TS24I-2.7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9250TS24I-2.7
Description  Quad Digitally Controlled Potentiometers (XDCP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9250TS24I-2.7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9250TS24I-2.7 Datasheet HTML 4Page - Intersil Corporation X9250TS24I-2.7 Datasheet HTML 5Page - Intersil Corporation X9250TS24I-2.7 Datasheet HTML 6Page - Intersil Corporation X9250TS24I-2.7 Datasheet HTML 7Page - Intersil Corporation X9250TS24I-2.7 Datasheet HTML 8Page - Intersil Corporation X9250TS24I-2.7 Datasheet HTML 9Page - Intersil Corporation X9250TS24I-2.7 Datasheet HTML 10Page - Intersil Corporation X9250TS24I-2.7 Datasheet HTML 11Page - Intersil Corporation X9250TS24I-2.7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN8165.3
August 29, 2006
Figure 8. Increment/Decrement Timing Limits
Table 1. Instruction Set
Instruction
Instruction Set
Operation
I3
I2
I1
I0 R1 R0
P1
P0
Read Wiper Counter
Register
1
0010
0
P1
P0 Read the contents of the Wiper Counter
Register pointed to by P1- P0
Write Wiper Counter
Register
1
0100
0
P1
P0 Write new value to the Wiper Counter Register
pointed to by P1- P0
Read Data Register
1
0
1
1
R1 R0
P1
P0 Read the contents of the Data Register
pointed to by P1- P0 and R1- R0
Write Data Register
1
1
0
0
R1 R0
P1
P0 Write new value to the Data Register pointed to
by P1- P0 and R1- R0
XFR Data Register to
Wiper Counter Register
1
101
R1 R0
P1
P0 Transfer the contents of the Data Register
pointed to by R1- R0 to the Wiper Counter
Register pointed to by P1- P0
XFR Wiper Counter
Register to Data Register
1
110
R1 R0
P1
P0 Transfer the contents of the Wiper Counter
Register pointed to by P1- P0 to the Register
pointed to by R1- R0
Global XFR Data Register
to Wiper Counter Register
0
001
R1 R0
0
0
Transfer the contents of the Data Registers
pointed to by R1- R0 of all four pots to their
respective Wiper Counter Register
Global XFR Wiper Counter
Register to Data Register
1
000
R1 R0
0
0
Transfer the contents of all Wiper Counter
Registers to their respective data Registers
pointed to by R1- R0 of all four pots
Increment/Decrement
Wiper Counter Register
0
0100
0
P1
P0 Enable Increment/decrement of the Wiper
Counter Register pointed to by P1- P0
Read Status (WIP bit)
0
1010
0
0
1
Read the status of the internal write cycle, by
checking the WIP bit.
SCK
SI
VW/RW
INC/DEC CMD Issued
tWRID
Voltage Out
X9250


Similar Part No. - X9250TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9250TS24I-2.7 XICOR-X9250TS24I-2.7 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9250TS24I-2.7 INTERSIL-X9250TS24I-2.7 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
X9250TS24I-2.7 INTERSIL-X9250TS24I-2.7 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Renesas Technology Corp
X9250TS24I-2.7 RENESAS-X9250TS24I-2.7 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results

Similar Description - X9250TS24I-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X9408 INTERSIL-X9408_09 Datasheet
336Kb / 20P
   Quad Digitally Controlled (XDCP?? Potentiometers
logo
Xicor Inc.
X9250 XICOR-X9250 Datasheet
181Kb / 21P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Intersil Corporation
ISL90841 INTERSIL-ISL90841_06 Datasheet
1Mb / 12P
   Quad Digitally Controlled Potentiometers (XDCP??
logo
Xicor Inc.
X9259 XICOR-X9259 Datasheet
400Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometers
logo
Intersil Corporation
ISL90840 INTERSIL-ISL90840_06 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90840 RENESAS-ISL90840 Datasheet
1Mb / 13P
   Quad Digitally Controlled Potentiometers (XDCP™)
November 14, 2006
logo
Intersil Corporation
ISL22329 INTERSIL-ISL22329 Datasheet
393Kb / 13P
   Dual Digitally Controlled Potentiometers XDCP
X9268TS24 INTERSIL-X9268TS24 Datasheet
323Kb / 22P
   Dual Digitally-Controlled (XDCP) Potentiometers
August 29, 2006
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com