Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9259UV24Z-2.7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9259UV24Z-2.7
Description  Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP) Potentiometers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9259UV24Z-2.7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9259UV24Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9259UV24Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9259UV24Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9259UV24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9259UV24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9259UV24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9259UV24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9259UV24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9259UV24Z-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
X9259
6
FN8169.6
December 12, 2014
Submit Document Feedback
Serial Interface
The X9259 supports a bidirectional bus oriented protocol. The
protocol defines any device that sends data onto the bus as a
transmitter and the receiving device as the receiver. The device
controlling the transfer is a master and the device being
controlled is the slave. The master always initiates data transfers
and provide the clock for both transmit and receive operations.
Therefore, the X9259 operates as a slave device in all
applications.
All 2-wire interface operations must begin with a START, followed
by an Identification Byte, that selects the X9259. All
communication over the 2-wire interface is conducted by sending
the MSB of each byte of data first.
Clock and Data Conventions
Data states on the SDA line can change only during SCL LOW
periods. SDA state changes during SCL HIGH are reserved for
indicating START and STOP conditions (see Figure 2). On
power-up of the X9259, the SDA pin is in the input mode.
START Condition
All commands to the X9259 are preceded by the start condition,
which is a HIGH to LOW transition of SDA while SCL is HIGH. The
X9259 continuously monitors the SDA and SCL lines for the
START condition and does not respond to any command until this
condition is met (see Figure 2).
STOP Condition
All communications must be terminated by a STOP condition,
which is a LOW to HIGH transition of SDA while SCL is HIGH, (see
Figure 2). The STOP condition is also used to place the device
into the Standby Power mode after a Read sequence. A STOP
condition can only be issued after the transmitting device has
released the bus.
Acknowledge
An ACK, Acknowledge, is a software convention used to indicate
a successful data transfer. The transmitting device, either master
or slave, releases the SDA bus after transmitting eight bits.
During the ninth clock cycle, the receiver pulls the SDA line LOW
to acknowledge the reception of the eight bits of data, (see
Figure 3).
The X9259 responds with an ACK after recognition of a START
condition followed by a valid Identification Byte, and once again
after successful receipt of an Instruction Byte. The X9259 also
responds with an ACK after receiving a Data Byte after a Write
Instruction.
A valid Identification Byte contains the Device Type Identifier
0101, as the four MSBs, and the Device Address bits matching
the logic states of pins A3, A2, A1, and A0, as the four LSBs (see
Figure 4 on page 8).
In the Read mode, the device transmits eight bits of data,
releases the SDA line, and then monitors the line for an ACK. The
device continues transmitting data if an ACK is detected. The
device terminates further data transmissions if an ACK is not
detected. The master must then issue a STOP condition to place
the device into a known state.
During the internal nonvolatile Write operation, the X9259
ignores the inputs at SDA and SCL, and does not issue an ACK
after Identification bytes.
FIGURE 2. VALID DATA CHANGES, START, AND STOP CONDITIONS
FIGURE 3. ACKNOWLEDGE RESPONSE FROM RECEIVER
SDA
SCL
START
DATA
DATA
STOP
STABLE
CHANGE
DATA
STABLE
SDA OUTPUT FROM
TRANSMITTER
SDA OUTPUT FROM
RECEIVER
8
1
9
START
ACK
SCL FROM
MASTER


Similar Part No. - X9259UV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9259UV24Z-2.7 INTERSIL-X9259UV24Z-2.7 Datasheet
364Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire bus
X9259UV24Z-2.7 INTERSIL-X9259UV24Z-2.7 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
logo
Renesas Technology Corp
X9259UV24Z-2.7 RENESAS-X9259UV24Z-2.7 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
More results

Similar Description - X9259UV24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9259 RENESAS-X9259 Datasheet
866Kb / 21P
   Single Supply/Low Power/256-Tap/2-Wire Bus Quad Digitally-Controlled (XDCP?? Potentiometers
X9269 RENESAS-X9269 Datasheet
923Kb / 24P
   Single Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9268 RENESAS-X9268 Datasheet
850Kb / 22P
   Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9409 RENESAS-X9409 Datasheet
788Kb / 19P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled Potentiometers (XDCP)
X9408 RENESAS-X9408 Datasheet
814Kb / 20P
   Low Noise/Low Power/2-Wire Bus Quad Digitally Controlled (XDCP?? Potentiometers
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9252 RENESAS-X9252 Datasheet
800Kb / 19P
   Low Power Quad 256-tap 2-Wire Bus Up/Down Interface Quad Digitally-Controlled (XDCP?? Potentiometer
X9118 RENESAS-X9118 Datasheet
736Kb / 17P
   Dual Supply/Low Power/1024-Tap/2-Wire Bus Single Digitally-Controlled (XDCP?? Potentiometer
X9250 RENESAS-X9250 Datasheet
822Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps Quad Digitally Controlled Potentiometers (XDCP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com