Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9251US24Z-2.7 Datasheet(PDF) 11 Page - Intersil Corporation

Part # X9251US24Z-2.7
Description  Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251US24Z-2.7 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button X9251US24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 12Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 13Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 14Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
X9251
11
FN8166.6
December 3, 2014
Submit Document Feedback
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Increment/Decrement Wiper Counter Register (WCR)
Read Status Register (SR)
CS FALLING
EDGE
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
DR AND WCR
ADDRESSES
CS RISING
EDGE
010
1
0
0
A1
A0
1
1
0
1
RB
RA
0
0
CS
FALLING
EDGE
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
WCR
ADDRESSES
INCREMENT/DECREMENT
(SENT BY MASTER ON SI)
CS
RISING
EDGE
0
1
0
1
0
0 A1 A0 00
10
X
X
0
0
I/D
I/D
.
.
.
.
I/D I/D
CS
FALLIN
G EDGE
DEVICE TYPE
IDENTIFIER
DEVICE
ADDRESSES
INSTRUCTION
OPCODE
WCR
ADDRESSES
DATA BYTE
(SENT BY X9251 ON SO)
CS
RISING
EDGE
0
1
0
1
0 0
A1
A0
0 1010001
0
0
0
0000
WIP
NOTES:
5. “A1 ~ A0”: stands for the device addresses sent by the master.
6. WPx refers to wiper position data in the Counter Register
7. “I”: stands for the increment operation, SI held HIGH during active SCK phase (high).
8. “D”: stands for the decrement operation, SI held LOW during active SCK phase (high).


Similar Part No. - X9251US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251US24Z-2.7 INTERSIL-X9251US24Z-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9251US24Z-2.7 RENESAS-X9251US24Z-2.7 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results

Similar Description - X9251US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com