Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9251US24Z-2.7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # X9251US24Z-2.7
Description  Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled Potentiometer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9251US24Z-2.7 Datasheet(HTML) 3 Page - Intersil Corporation

  X9251US24Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9251US24Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
X9251
3
FN8166.6
December 3, 2014
Submit Document Feedback
Pin Configuration
X9251
(24 LD SOIC/TSSOP)
TOP VIEW
Ordering Information
PART NUMBER (Notes 2, 3)
PART
MARKING
VCC LIMITS
(V)
POTENTIOMETER
ORGANIZATION
(kΩ)
TEMP RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
X9251US24Z (Note 1)
X9251US Z
5 ±10%
50
0 to +70
24 Ld SOIC (300 mil)
M24.3
X9251US24IZ (Note 1)
X9251US ZI
-40 to +85
24 Ld SOIC (300 mil)
M24.3
X9251UV24Z
X9251UV Z
0 to +70
24 Ld TSSOP (4.4mm)
M24.173
X9251UV24IZ
X9251UV ZI
-40 to +85
24 Ld TSSOP (4.4mm)
M24.173
X9251US24IZ-2.7 (Note 1) X9251US ZG
2.7 to 5.5
-40 to +85
24 Ld SOIC (300 mil)
M24.3
X9251US24Z-2.7 (Note 1) X9251US ZG
0 to +70
24 Ld SOIC (300 mil)
M24.3
X9251UV24Z-2.7
X9251UV ZF
0 to +70
24 Ld TSSOP (4.4mm)
M24.173
X9251UV24IZ-2.7 (Note 1) X9251UV ZG
-40 to +85
24 Ld TSSOP (4.4mm)
M24.173
NOTES:
1. Add "T1" suffix for tape and reel.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see product information page for X9251. For more information on MSL, please see tech brief TB363
SO
A0
RW3
NC
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
HOLD
SCK
RL2
RH2
RW2
NC
VSS
RW1
RH1
RL1
X9251
RH3
14
13
11
12
RL3
RH0
RW0
CS
A1
SI
WP
Pin Descriptions
PIN
(SOIC)
SYMBOL
FUNCTION
1
SO
Serial Data Output for SPI bus
2
A0
Device Address for SPI bus (see Note 4)
3RW3
Wiper Terminal of DCP3
4RH3
High Terminal of DCP3
5RL3
Low Terminal of DCP3
7VCC
System Supply Voltage
8RL0
Low Terminal of DCP0
9RH0
High Terminal of DCP0
10
RW0
Wiper Terminal of DCP0
11
CS
SPI bus. Chip Select active low input
12
WP
Hardware Write Protect - active low
13
SI
Serial Data Input for SPI bus
14
A1
Device Address for SPI bus (see Note 4)
15
RL1
Low Terminal of DCP1
16
RH1
High Terminal of DCP1
17
RW1
Wiper Terminal of DCP1
18
VSS
System Ground
20
RW2
Wiper Terminal of DCP2
21
RH2
High Terminal of DCP2
22
RL2
Low Terminal of DCP2
23
SCK
Serial Clock for SPI bus
24
HOLD
Device select. Pauses the SPI serial bus.
6, 19
NC
No Connect
NOTE:
4. A0 and A1 device address pins must be tied to a logic level.


Similar Part No. - X9251US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9251US24Z-2.7 INTERSIL-X9251US24Z-2.7 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
logo
Renesas Technology Corp
X9251US24Z-2.7 RENESAS-X9251US24Z-2.7 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
More results

Similar Description - X9251US24Z-2.7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9251 RENESAS-X9251 Datasheet
849Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus, Quad Digitally-Controlled (XDCP??Potentiometer
X9271 RENESAS-X9271 Datasheet
791Kb / 19P
   Single Supply/Low Power/256-Tap/SPI Bus Single, Digitally Controlled (XDCP?? Potentiometer
X9111 RENESAS-X9111 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
   Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
X9401 RENESAS-X9401 Datasheet
827Kb / 20P
   Low Noise/Low Power/SPI Bus Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23345 INTERSIL-ISL23345 Datasheet
881Kb / 19P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23445 INTERSIL-ISL23445 Datasheet
923Kb / 20P
   Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
X9261 INTERSIL-X9261 Datasheet
393Kb / 21P
   Single Supply/Low Power/256-Tap/SPI Bus
X9251 INTERSIL-X9251 Datasheet
354Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
X9271 INTERSIL-X9271 Datasheet
373Kb / 22P
   Single Supply/Low Power/256-Tap/SPI Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com