Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AWVZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # X9241AWVZ
Description  Non-Volatile/Low Power/2-Wire/64 Taps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AWVZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button X9241AWVZ Datasheet HTML 2Page - Intersil Corporation X9241AWVZ Datasheet HTML 3Page - Intersil Corporation X9241AWVZ Datasheet HTML 4Page - Intersil Corporation X9241AWVZ Datasheet HTML 5Page - Intersil Corporation X9241AWVZ Datasheet HTML 6Page - Intersil Corporation X9241AWVZ Datasheet HTML 7Page - Intersil Corporation X9241AWVZ Datasheet HTML 8Page - Intersil Corporation X9241AWVZ Datasheet HTML 9Page - Intersil Corporation X9241AWVZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
FN8164.7
August 17, 2015
NOTES:
1. 1/0 = data is one or zero
2. X = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical).
SCL
SDA
VW/RW
INC/DEC
CMD
ISSUED
VOLTAGE OUT
tCLWV
FIGURE 6. INCREMENT/DECREMENT TIMING LIMITS
TABLE 1. INSTRUCTION SET
INSTRUCTION
INSTRUCTION FORMAT
OPERATION
I3
I2
I1
I0
P1
P0
R1
R0
Read WCR
1
0
0
1
1/0
(Note 1)
1/0
X
(Note 2)
X
Read the contents of the Wiper Counter Register pointed to by P1 to P0
Write WCR
1
0
1
0
1/0
1/0
X
X
Write new value to the Wiper Counter Register pointed to by P1 to P0
Read Data
Register
1
0
1
1
1/0
1/0
1/0
1/0
Read the contents of the Register pointed to by P1 to P0 and R1 to R0
Write Data
Register
1
1
0
0
1/0
1/0
1/0
1/0
Write new value to the Register pointed to by P1 to P0 and R1 to R0
XFR Data
Register to WCR
1
1
0
1
1/0
1/0
1/0
1/0
Transfer the contents of the Register pointed to by P1 to P0 and R1 to
R0 to its associated WCR
XFR WCR to
Data Register
1
1
1
0
1/0
1/0
1/0
1/0
Transfer the contents of the WCR pointed to by P1 to P0 to the Register
pointed to by R1 to R0
Global XFR
Data Register to
WCR
0
0
0
1
X
X
1/0
1/0
Transfer the contents of the Data Registers pointed to by R1 to R0 of all
four pots to their respective WCR
Global XFR
WCR to Data
Register
1
0
0
0
X
X
1/0
1/0
Transfer the contents of all WCRs to their respective data Registers
pointed to by R1 to R0 of all four pots
Increment/
Decrement
Wiper
0
0
1
0
1/0
1/0
X
X
Enable Increment/decrement of the WCR pointed to by P1 to P0
X9241A


Similar Part No. - X9241AWVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AWVZ INTERSIL-X9241AWVZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AWVZ INTERSIL-X9241AWVZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241AWVZ RENESAS-X9241AWVZ Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241AWVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
   Low Noise/Low Power/2-Wire Bus/256 Taps
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
   Low Noise/Low Power/2-Wire Bus/256 Taps
logo
Texas Instruments
TPL0102 TI-TPL0102_15 Datasheet
1Mb / 45P
[Old version datasheet]   TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Microchip Technology
AN560 MICROCHIP-AN560 Datasheet
103Kb / 22P
   Lowpower 3-wire non-volatile memories
1994 - 2002
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com