Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9111TV14Z-2.7 Datasheet(PDF) 4 Page - Intersil Corporation

Part # X9111TV14Z-2.7
Description  Single Digitally-Controlled (XDCP) Potentiometer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9111TV14Z-2.7 Datasheet(HTML) 4 Page - Intersil Corporation

  X9111TV14Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9111TV14Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9111TV14Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9111TV14Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9111TV14Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9111TV14Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9111TV14Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9111TV14Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9111TV14Z-2.7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN8159.4
September 15, 2006
These switches are controlled by a Wiper Counter Register
(WCR). The 10-bits of the WCR (WCR[9:0]) are decoded to
select, and enable, one of 1024 switches.
Wiper Counter Register (WCR)
The X9111 contains a Wiper Counter Register (see Table 1)
for the XDCP potentiometer. The WCR is equivalent to a
serial-in, parallel-out register/counter with its outputs
decoded to select one of 1024 switches along its resistor
array. The contents of the WCR can be altered in one of
three ways: (1) it may be written directly by the host via the
write Wiper Counter Register instruction (serial load); (2) it
may be written indirectly by transferring the contents of one
of four associated Data Registers via the XFR Data Register;
(3) it is loaded with the contents of its Data Register zero
(DR0) upon power-up.
The Wiper Counter Register is a volatile register; that is, its
contents are lost when the X9111 is powered-down.
Although the register is automatically loaded with the value
in R0 upon power-up, this may be different from the value
present at power-down. Power-up guidelines are
recommended to ensure proper loadings of the R0 value into
the WCR.
Data Registers (DR3 to DR0)
The potentiometer has four 10-bit non-volatile Data
Registers. These can be read or written directly by the host.
Data can also be transferred between any of the four Data
Registers and the Wiper Counter Register. All operations
changing data in one of the Data Registers is a nonvolatile
operation and will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can be
used as regular memory locations for system parameters or
user preference data.
A DR[9:0] is used to store one of the 1024 wiper position (0
~1023). Table 2
Status Register (SR)
This 1-bit status register is used to store the system status
(see Table 3).
WIP: Write In Progress status bit, read only.
• When WIP=1, indicates that high-voltage write cycle is in
progress.
• When WIP=0, indicates that no high-voltage write cycle is
in progress.
Device Instructions
Identification Byte (ID and A)
The first byte sent to the X9111 from the host, following a CS
going HIGH to LOW, is called the Identification Byte. The
most significant four bits of the slave address are a device
type identifier. The ID[3:0] bits is the device ID for the X9111;
this is fixed as 0101[B] (refer to Table 4).
The A1–A0 bits in the ID byte are the internal slave address.
The physical device address is defined by the state of the
A1–A0 input pins. The slave address is externally specified
by the user. The X9111 compares the serial data stream with
the address input state; a successful compare of the address
Serial Data Path
From Interface
Register 0
Serial
Bus
Input
Parallel
Bus
Input
Counter
Register
R H
R L
R
W
10
10
C
O
U
N
T
E
R
D
E
C
O
D
E
If WCR = 000[HEX] then RW = RL
If WCR = 3FF[HEX] then RW = RH
Wiper
(WCR)
(DR0)
Circuitry
Register 1
(DR1)
Register 2
(DR2)
Register 3
(DR3)
FIGURE 1. DETAILED POTENTIOMETER BLOCK DIAGRAM
X9111


Similar Part No. - X9111TV14Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9111TV14Z-2.7 INTERSIL-X9111TV14Z-2.7 Datasheet
323Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Renesas Technology Corp
X9111TV14Z-2.7 RENESAS-X9111TV14Z-2.7 Datasheet
805Kb / 19P
   Single Supply/Low Power/1024-Tap/SPI Bus/Single Digitally-Controlled (XDCP?? Potentiometer
More results

Similar Description - X9111TV14Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com