Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9015WS8Z-2.7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X9015WS8Z-2.7
Description  Single Digitally Controlled
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9015WS8Z-2.7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X9015WS8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9015WS8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9015WS8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9015WS8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9015WS8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9015WS8Z-2.7 Datasheet HTML 9Page - Intersil Corporation X9015WS8Z-2.7 Datasheet HTML 10Page - Intersil Corporation X9015WS8Z-2.7 Datasheet HTML 11Page - Intersil Corporation X9015WS8Z-2.7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN8157.6
August 14, 2015
Applications Information
Electronic digitally controlled potentiometers provide two powerful application advantages: (1) the variability and reliability of a
solid-state potentiometer, and (2) the flexibility of computer-based digital controls.
Basic Configurations of Electronic Potentiometers
Basic Circuits
VR
VW/RW
VR
I
THREE-TERMINAL POTENTIOMETER;
VARIABLE VOLTAGE DIVIDER
TWO-TERMINAL VARIABLE RESISTOR;
VARIABLE CURRENT
VH/RH
VL/RL
Cascading Techniques
Buffered Reference Voltage
+
+5V
R1
+V
–5V
VW/RW
VREF
VOUT
OP-07
VW/RW
VW/RW
+V
+V
+V
X
(a)
(b)
VOUT = VW
Noninverting Amplifier
+
VS
VO
R2
R1
VO = (1+R2/R1)VS
LM308A
VOLTAGE REGULATOR
R1
R2
Iadj
VO (REG) = 1.25V (1+R2/R1)+Iadj R2
VO (REG)
VIN
317
OFFSET VOLTAGE ADJUSTMENT
+
VS
VO
R2
R1
100k
10k
10k
10k
-12V
+12V
TL072
COMPARATOR WITH HYSTERESIS
VUL = {R1/(R1+R2)} VO(max)
VLL = {R1/(R1+R2)} VO(min)
+
VS
VO
R2
R1
LT311A
+5V
–5V
(FOR ADDITIONAL CIRCUITS, SEE AN115.)
X9015


Similar Part No. - X9015WS8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9015WS8Z-2.7 INTERSIL-X9015WS8Z-2.7 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
X9015WS8Z-2.7 INTERSIL-X9015WS8Z-2.7 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9015WS8Z-2.7 RENESAS-X9015WS8Z-2.7 Datasheet
573Kb / 12P
   Low Noise, Low Power, Volatile Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9015WS8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com