Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C303PIZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9C303PIZ
Description  Terminal Voltage ±5V, 100 Taps, Log Taper
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303PIZ Datasheet(HTML) 5 Page - Intersil Corporation

  X9C303PIZ Datasheet HTML 1Page - Intersil Corporation X9C303PIZ Datasheet HTML 2Page - Intersil Corporation X9C303PIZ Datasheet HTML 3Page - Intersil Corporation X9C303PIZ Datasheet HTML 4Page - Intersil Corporation X9C303PIZ Datasheet HTML 5Page - Intersil Corporation X9C303PIZ Datasheet HTML 6Page - Intersil Corporation X9C303PIZ Datasheet HTML 7Page - Intersil Corporation X9C303PIZ Datasheet HTML 8Page - Intersil Corporation X9C303PIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN8223.2
January 30, 2009
Absolute Maximum Ratings
Thermal Information
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D and VCC with Respect to VSS . -1V to +7V
Voltage on VH and VL Referenced to VSS . . . . . . . . . . . . -8V to +8V
ΔV = |V
H - VL| X9C303 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
Wiper Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1mA
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.
Recommended Operating Conditions
Commercial Temperature Range. . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Military Temperature Range. . . . . . . . . . . . . . . . . . . -55°C to +125°C
Supply Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V ±10%
Power Rating at +25°C X9C303 . . . . . . . . . . . . . . . . . . . . . . . 10mW
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Analog Specifications
Over recommended operating conditions, unless otherwise specified. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
(Note 3)
MAX
RTOTAL
End-to-End Resistance
32
κΩ
End-to-End Resistance Tolerance
-15
+15
%
VH
VH Terminal Voltage
-5
+5
V
VL
VL Terminal Voltage
-5
+5
V
RW
Wiper Resistance
Max Wiper Current ±1mA
40
100
Ω
Tap Position Relative Step Size Error
Error = log (Vw(n)) - log (Vw(n - 1))
for tap n = 2 - 99, VH-VL = 10V
0.005
0.115
dB
Resistor Noise
At 1kHz
23
nV(RMS)/
√Hz
Charge Pump Noise
At 850kHz
20
mV(RMS)
End-to-End Resistance
Temperature Coefficient
T = -40°C to +85°C
±400
ppm/°C
Ratiometric Temperature Coefficient
Tap position 84
±20
ppm/°C
CH/CL/CW
(Note 5)
Potentiometer Capacitance
See “Circuit #3 SPICE Macro Model” on
page 4
10/10/25
pF
X9C303


Similar Part No. - X9C303PIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303PIZ INTERSIL-X9C303PIZ Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303PIZ INTERSIL-X9C303PIZ Datasheet
258Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
logo
Renesas Technology Corp
X9C303PIZ RENESAS-X9C303PIZ Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
More results

Similar Description - X9C303PIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
logo
Renesas Technology Corp
X9C303 RENESAS-X9C303 Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
93Kb / 8P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
X9312 INTERSIL-X9312 Datasheet
219Kb / 9P
   Terminal Voltage 0V to 15V, 100 Taps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com