Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E155JC Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10E155JC
Description  6-BIT 2:1 MUX-LATCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E155JC Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10E155JC Datasheet HTML 1Page - Micrel Semiconductor SY10E155JC Datasheet HTML 2Page - Micrel Semiconductor SY10E155JC Datasheet HTML 3Page - Micrel Semiconductor SY10E155JC Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SY10E155
SY100E155
Micrel
TRUTH TABLES
SEL
Data
Ha
Lb
LEN1
LEN2
Latch
L
L
Transparent
H
X
Latched
X
H
Latched
DC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max.
Min. Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
——
150
——
150
——
150
µA
IEE
Power Supply Current
mA
10E
85
102
85
102
85
102
100E
85
102
85
102
98
117
AC ELECTRICAL CHARACTERISTICS
VEE = VEE (Min.) to VEE (Max.); VCC = VCCO = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ. Max. Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
D
325
500
700
325
500
700
325
500
700
SEL
475
675
925
475
675
925
475
675
925
LEN
350
500
750
350
500
750
350
500
750
MR
450
600
850
450
600
850
450
600
850
tS
Set-up Time
ps
D
300
100
300
100
300
100
SEL
500
250
500
250
500
250
tH
Hold Time
ps
D300
–100
300
–100
300
–100
SEL
0
–250
0
–250
0
–250
tRR
Reset Recovery Time
800
650
800
650
800
650
ps
tPW
Minimum Pulse Width, MR
400
——
400
——
400
——
ps
tskew
Within-Device Skew
75
——
75
——
75
ps
1
tr
Rise/Fall Time
300
450
800
300
450
800
300
450
800
ps
tf
20% to 80%
NOTE:
1. Within-device skew is defined as identical transitions on similar paths through a device.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY10E155JC
J28-1
Commercial
SY10E155JCTR
J28-1
Commercial
SY100E155JC
J28-1
Commercial
SY100E155JCTR
J28-1
Commercial


Similar Part No. - SY10E155JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E155JC MICREL-SY10E155JC Datasheet
66Kb / 4P
   6-BIT 2:1 MUX-LATCH
SY10E155JCTR MICREL-SY10E155JCTR Datasheet
66Kb / 4P
   6-BIT 2:1 MUX-LATCH
More results

Similar Description - SY10E155JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E155 ONSEMI-MC10E155 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-LATCH
1996 REV 3
logo
Micrel Semiconductor
SY10E155 MICREL-SY10E155_06 Datasheet
66Kb / 4P
   6-BIT 2:1 MUX-LATCH
logo
ON Semiconductor
MC10E154 ONSEMI-MC10E154 Datasheet
107Kb / 4P
   5-BIT 2:1 MUX-LATCH
1996 REV 2
logo
Micrel Semiconductor
SY10E154 MICREL-SY10E154 Datasheet
61Kb / 4P
   5-BIT 2:1 MUX-LATCH
SY10E154 MICREL-SY10E154_06 Datasheet
63Kb / 4P
   5-BIT 2:1 MUX-LATCH
SY10E167 MICREL-SY10E167 Datasheet
155Kb / 3P
   6-BIT 2:1 MUX-REGISTER
logo
ON Semiconductor
MC10E167 ONSEMI-MC10E167 Datasheet
105Kb / 4P
   6-BIT 2:1 MUX-REGISTER
REV 2
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10E256 MICREL-SY10E256 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
SY10E156 MICREL-SY10E156 Datasheet
60Kb / 4P
   3-BIT 4:1 MUX-LATCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com