Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NJU3151 Datasheet(PDF) 5 Page - New Japan Radio

Part No. NJU3151
Description  4-BIT SINGLE CHIP OTP TINY CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

 
 5 page
background image
NJU3151
- 5 -
s ELECTRICAL CHARACTERISTICS
DC CHARACTERISTICS
1
(VDD=3.6~5.5V, VSS=0V, Ta=-20~75
°C)
PARAMETER
SYM
BOL
C O N D I T I O N S
MIN
TYP
MAX
UNIT
NOT
E
Supply Voltage
VDD
VDD
3.6
5.5
V
IDD1
VDD
VDD=5V, fOSC=2MHz
X’tal Oscillation in Reset
30
mA
*3
IDD2
VDD
VDD=5V, fOSC=2MHz
Ceramic Oscillation in Reset
30
mA
*3
IDD3
VDD
VDD=5V, fOSC=2MHz
CR Oscillation in Reset
30
mA
*3
IDD4
VDD
VDD=5V, STANDBY Mode
20
µA
*3
Supply Current
IDD5
VDD
VDD=5V, fOSC=4MHz, Operating
30
mA
*3
VIH1
PA0~PA3, PB0, PC0,
PD0, PD1
0.7VDD
VDD
V
*1
VIH2
PE0, PE1, RESET
0.8VDD
VDD
V
*1
High-Level
Input Voltage
VIH3
OSC1
VDD-1.0
VDD
V
VIL1
PA0~PA3, PB0, PC0,
PD0, PD1
0
0.3VDD
V
*1
VIL2
PE0, PE1, RESET
0
0.2VDD
V
*1
Low-level
Input Voltage
VIL3
OSC1
0
1.0
V
High-Level
Input Current
IIH
VDD=5.5V, VIN=5.5V
PA0~PA3, PB0, PC0,
PD0, PD1, PE0, PE1, RESET
10
µA
*1
IIL1
VDD=5.5V, VIN=0V
Without pull-up resistance
PA0~PA3, PB0, PC0,
PD0, PD1, PE0, PE1, RESET
-10
µA
*1
Low-Level
Input Current
IIL2
VDD=5.5V, VIN=0V
With pull-up resistance
PA0~PA3, PB0, PC0,
PD0, PD1, PE0, PE1
-100
µA
*1
High-Level
Output Voltage
VOH
IOH=-100
µA
PA0~PA3, PD0, PD1, PE0, PE1
VDD-0.5
V
*2
VOL1
IOL1=400
µA
PA0~PA3, PD0, PD1, PE0, PE1
0.5
V
*2
Low-Level
Output Voltage
VOL2
IOL2=15mA
PB0, PC0
2.0
V
*2
Output
Leakage
Current
IOD
VDD=5.5V, VOH=5.5V
PB0, PC0
10
µA
*2
Input Capacitance
CIN
Except VDD, VSS terminals
fOSC=1MHz
Other terminals : 0V
10
20
pF
*1 Input/output port is set as an Input terminal.
*2 Input/output port is set as an Output terminal.
*3 Except the current through Pull-up resister.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJU31524-BIT SINGLE CHIP OTP TINY CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35514-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35524-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35534-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35544-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35554-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU31014-BIT SINGLE CHIP TINY CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU31024-BIT SINGLE CHIP TINY CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
UPD75P2384-BIT SINGLE CHIP MICROCOMPUTER 1 2 3 4 5 MoreNEC
NJU35044-BIT SINGLE CHIP MICRO CONTROLLER   1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl