Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NJU3151 Datasheet(PDF) 4 Page - New Japan Radio

Part No. NJU3151
Description  4-BIT SINGLE CHIP OTP TINY CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

 
 4 page
background image
NJU3151
- 4 -
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ +7.0
V
Input Voltage
VIN
-0.3 ~ VDD + 0.3
V
Output Voltage
VOUT
-0.3 ~ VDD + 0.3
V
Operating Temperature
Topr
-20 ~ +75
°C
Storage Temperature
Tstg
-55 ~ +125
°C
Note)
The difference of electrical characteristics between NJU3151 (OTP version) and NJU3101
(MASK version)
NJU3101
NJU3151
Supply Voltage (VDD) MIN.
2.4V
2.7V
Supply Current
5V
(IDD1) Max.
4.0mA
30mA
(IDD2) Max.
4.0mA
30mA
(IDD3) Max.
3.8mA
30mA
(IDD4) Max.
4.0
µA
20
µA
3V
(IDD1) Max.
2.0mA
20mA
(IDD2) Max.
2.0mA
20mA
(IDD3) Max.
1.8mA
20mA
(IDD4) Max.
2.0
µA
20
µA




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NJU31524-BIT SINGLE CHIP OTP TINY CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35514-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35524-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35534-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35544-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU35554-BIT SINGLE CHIP OTP MICRO CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU31014-BIT SINGLE CHIP TINY CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
NJU31024-BIT SINGLE CHIP TINY CONTROLLER 1 2 3 4 5 MoreNew Japan Radio
UPD75P2384-BIT SINGLE CHIP MICROCOMPUTER 1 2 3 4 5 MoreNEC
NJU35044-BIT SINGLE CHIP MICRO CONTROLLER   1 2 3 4 5 MoreNew Japan Radio

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl