Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0621A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0621A
Description  SAW Resonator 245.76MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0621A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0621A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TC0621A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Resonator 245.76MHz
MODEL NO.: TC0621A
REV. NO.:1
A. FEATURES:
1. 1-Port Resonator.
B. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -40°C to +85°C
4.Storage Temperature: -40°C to +85°C
C. ELECTRICAL CHARACTERISTICS:
Characteristic
Units
Minimum
Typical
Maximum
Center frequency
Fr
MHz
245.71
245.76
246.81
Insertion Loss
IL
dB
-
1.2
2.0
Unload quality factor Qu
-
14050
-
Equivalent
Elements
Motional capacitance C1
fF
-
2.44
-
Motional inductance
L1
μ
μ
μ
μH
-
173.02
-
Motional resistance
R1
Ohm
-
15.3
-
Parallel capacitance
Co
pF
-
3.66
-
Temp.coeff.
ppm/c*2
-
0.032
-
Turnover To
deg.C
-
25
-
Package size
SMD 3.8X3.8X1.4mm
D.EQUVIRENT CIRCUIT:
One-Port Resonator:
C0
R1
C1
L1
# B
# E
Source Impedance
Load Impedance
50Ω
50Ω
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TC0621A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0627A TAI-SAW-TC0627A Datasheet
415Kb / 7P
   SAW Resonator 800 MHz
TC0629A TAI-SAW-TC0629A Datasheet
160Kb / 6P
   1000.634MHz SMD 3.8 x 3.8 mm SAW Resonator
More results

Similar Description - TC0621A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN24603 SIPAT-LBN24603 Datasheet
293Kb / 3P
   245.76MHz SAW Filter 80MHz Bandwidth
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
   SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
   SAW RESONATOR
logo
Integrated Technology F...
R40731 ITF-R40731 Datasheet
255Kb / 6P
   SAW Resonator
R44761 ITF-R44761 Datasheet
252Kb / 6P
   SAW Resonator
R39001 ITF-R39001 Datasheet
228Kb / 6P
   SAW Resonator
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
   SAW resonator
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
   SAW Resonator
R31451 ITF-R31451 Datasheet
255Kb / 6P
   SAW Resonator
R31801 ITF-R31801 Datasheet
256Kb / 6P
   SAW Resonator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com