Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL91214A Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # IL91214A
Description  store and redial last number
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL91214A Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  IL91214A Datasheet HTML 1Page - IK Semicon Co., Ltd IL91214A Datasheet HTML 2Page - IK Semicon Co., Ltd IL91214A Datasheet HTML 3Page - IK Semicon Co., Ltd IL91214A Datasheet HTML 4Page - IK Semicon Co., Ltd IL91214A Datasheet HTML 5Page - IK Semicon Co., Ltd IL91214A Datasheet HTML 6Page - IK Semicon Co., Ltd IL91214A Datasheet HTML 7Page - IK Semicon Co., Ltd IL91214A Datasheet HTML 8Page - IK Semicon Co., Ltd IL91214A Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IL91214A, IL91214B
April 2013, Ver. 02
PIN DESCRIPITION
KEYBOARD ASSIGNMENT
1. */T
– At Pulse mode this key works as Pulse -> DTMF key (T key), at DTMF mode the key works as *key.
*/T key
will occupy one memory digit in either use.
2. F1
– Flash key. The break time is 297ms
3. F2
– Flash key for break time 640ms
4. P
– Pause key (2.2 seconds)
5. RD
– One key redial key
6. # - At pulse mode this key input is neglected, at DTMF mode this key works as # key.
R4
HK
MODE IN
OSC I
OSC O
XMIT MUTE
R3
R2
R1
C 3
C 2
C 1
DP
01
02
03
04
05
06
11
12
13
07
08
Vss
Vdd
TONE
09
10
14
15
16
R4
HK
MODE IN
OSCI
OSCO
XMIT MUT E
R3
R2
R1
C3
C2
C1
DP
01
02
03
04
05
06
12
13
14
07
08
Vss
Vdd
T ONE
09
10
11
15
16
17
18
MODE OUT
KT
R4
R3
R2
RD
#
0
*/T
P
9
8
7
F2
6
5
4
F1
3
2
1
R1
C1
C2
C3
C4
Pin #
Designation
Description
A
B
1
1
HK
Hook switch input
2
2
MODE IN
MODE IN = VDD: pulse mode, 10
Hz,
М/В = 1/2,
MODE IN = VSS: tone mode,
MODE IN = floating mode,
20 Hz,
М/В = 1/2
3
3
OSCI
Oscillator input
4
4
OSCO
Oscillator output
5
5
VSS
Ground
6
6
VDD
Supply output
7
7
TONE
Tone dialing output
8
8
XMIT MUTE
Dialing transmission mute output
9
MODE OUT
Mode output pin
10
KT
Key-in tone output
9
11
DP
Dialing pulse output
10
12
C1
Keyboard column input
11
13
C2
Keyboard column input
12
14
C3
Keyboard column input
13
15
R1
Keyboard row input
14
16
R2
Keyboard row input
15
17
R3
Keyboard row input
16
18
R4
Keyboard row input


Similar Part No. - IL91214A

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL91214A INTEGRAL-IL91214A Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
IL91214ABD INTEGRAL-IL91214ABD Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
IL91214ABN INTEGRAL-IL91214ABN Datasheet
1,008Kb / 11P
   Tone/Pulse Dialer with Flash Function
More results

Similar Description - IL91214A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK53732 STMICROELECTRONICS-MK53732 Datasheet
874Kb / 12P
   TONE PULSE DIALER WITH LAST NUMBER AND SAVE FUNCTION
logo
List of Unclassifed Man...
RC128BM ETC1-RC128BM Datasheet
162Kb / 2P
   Grocery, C-Store, Dollar Store and Specialty Retail
logo
NXP Semiconductors
UM10569 PHILIPS-UM10569 Datasheet
330Kb / 15P
   Store and transport requirements
Rev. 3.00-9 March 2015
PCD3310 PHILIPS-PCD3310 Datasheet
145Kb / 28P
   Pulse and DTMF diallers with redial
1996 Nov 21
logo
XFMRS Inc.
RLXF622-221K XFMRS-RLXF622-221K Datasheet
33Kb / 1P
   REDIAL LEADED INDUCTOR
logo
CML Microcircuits
FX812 CMLMICRO-FX812 Datasheet
480Kb / 13P
   VOICE STORE AND RETRIEVE CODEC
logo
XFMRS Inc.
RLXF622-681K XFMRS-RLXF622-681K Datasheet
58Kb / 1P
   REDIAL LEADED INDUCTOR
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
SJA1105P NXP-SJA1105P Datasheet
629Kb / 6P
   5-port store and forward architecture
Rev. 1-1 November 2017
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com