Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9Y53-100B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BUK9Y53-100B
Description  N-channel TrenchMOS logic level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9Y53-100B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BUK9Y53-100B_15 Datasheet HTML 3Page - NXP Semiconductors BUK9Y53-100B_15 Datasheet HTML 4Page - NXP Semiconductors BUK9Y53-100B_15 Datasheet HTML 5Page - NXP Semiconductors BUK9Y53-100B_15 Datasheet HTML 6Page - NXP Semiconductors BUK9Y53-100B_15 Datasheet HTML 7Page - NXP Semiconductors BUK9Y53-100B_15 Datasheet HTML 8Page - NXP Semiconductors BUK9Y53-100B_15 Datasheet HTML 9Page - NXP Semiconductors BUK9Y53-100B_15 Datasheet HTML 10Page - NXP Semiconductors BUK9Y53-100B_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BUK9Y53-100B_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 30 August 2007
7 of 12
NXP Semiconductors
BUK9Y53-100B
N-channel TrenchMOS logic level FET
ID = 1 mA; VDS =VGS
Tj =25 °C; VDS =VGS
Fig 9.
Gate-source threshold voltage as a function of
junction temperature
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
Tj =25 °C; VDS =25V
VGS = 0 V; f = 1 MHz
Fig 11. Forward transconductance as a function of
drain current; typical values
Fig 12. Input, output and reverse transfer capacitances
as a function of drain-source voltage; typical
values
Tj (°C)
−60
180
120
060
003aab986
1.0
1.5
0.5
2.0
2.5
VGS(th)
(V)
0.0
min
typ
max
003aab987
VGS (V)
03
2
1
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
ID (A)
530
25
15
20
10
003aab425
30
40
50
gfs
(S)
20
VDS (V)
10−1
102
10
1
003aab418
1000
15000
500
2000
2500
C
(pF)
0
Ciss
Coss
Crss


Similar Part No. - BUK9Y53-100B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9Y53-100B NXP-BUK9Y53-100B Datasheet
96Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-30 August 2007
logo
Nexperia B.V. All right...
BUK9Y53-100B NEXPERIA-BUK9Y53-100B Datasheet
643Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01 - 30 August 2007
More results

Similar Description - BUK9Y53-100B_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHB32N06LT NXP-PHB32N06LT Datasheet
376Kb / 11P
   N-channel TrenchMOS logic level FET
Rev. 02-30 November 2009
PHD97NQ03LT NXP-PHD97NQ03LT Datasheet
178Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 01-24 March 2009
PHU78NQ03LT NXP-PHU78NQ03LT Datasheet
184Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 06-15 June 2009
BUK9E2R4-40C NXP-BUK9E2R4-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-11 April 2008
BUK964R2-80E PHILIPS-BUK964R2-80E Datasheet
271Kb / 13P
   N-channel TrenchMOS logic level FET
13 March 2014
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
   N-channel TrenchMOS logic level FET
5 October 2012
BUK962R2-40C NXP-BUK962R2-40C Datasheet
206Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-17 April 2008
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
PSMN7R0-30YL NXP-PSMN7R0-30YL Datasheet
192Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 01-15 October 2008
PH3330L NXP-PH3330L Datasheet
194Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-22 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com