Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJF4NA70 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJF4NA70
Description  700V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJF4NA70 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJF4NA70 Datasheet HTML 1Page - Pan Jit International Inc. PJF4NA70 Datasheet HTML 2Page - Pan Jit International Inc. PJF4NA70 Datasheet HTML 3Page - Pan Jit International Inc. PJF4NA70 Datasheet HTML 4Page - Pan Jit International Inc. PJF4NA70 Datasheet HTML 5Page - Pan Jit International Inc. PJF4NA70 Datasheet HTML 6Page - Pan Jit International Inc. PJF4NA70 Datasheet HTML 7Page - Pan Jit International Inc. PJF4NA70 Datasheet HTML 8Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PPJU4NA70 / PJD4NA70 / PJP4NA70 / PJF4NA70
March 10,2014-REV.00
Page 1
700V N-Channel MOSFET
Voltage
700 V
Current
4 A
ITO-220AB-F
TO-220AB
TO-252AA
TO-251AA
Features
RDS(ON), VGS@10V,ID@2A<2.8Ω
High switching speed
Improved dv/dt capability
Low Gate Charge
Low reverse transfer capacitance
Lead free in compliance with EU RoHS 2011/65/EU directive.
Green molding compound as per IEC61249 Std.
(Halogen Free)
Mechanical Data
Case: TO-251AA,TO-252AA ,TO-220AB, ITO-220AB-F Package
Terminals : Solderable per MIL-STD-750, Method 2026
TO-251AA Approx. Weight : 0.0104 ounces, 0.297grams
TO-252AA Approx. Weight : 0.0104 ounces, 0.297grams
TO-220AB Approx. Weight : 0.067 ounces, 1.89 grams
ITO-220AB-F Approx. Weight : 0.068 ounces, 2 grams
Maximum Ratings and Thermal Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TO-251AA
TO-220AB
ITO-220AB-F
TO-252AA
UNITS
Drain-Source Voltage
VDS
700
V
Gate-Source Voltage
VGS
+30
V
Continuous Drain Current
ID
4
A
Pulsed Drain Current
IDM
16
A
Single Pulse Avalanche Energy
(Note 1)
EAS
242
mJ
Power Dissipation
TC=25
oC
PD
77
100
33
77
W
Derate above 25
oC
0.62
0.8
0.26
0.62
W/
oC
Operating Junction and
Storage Temperature Range
TJ,TSTG
-55~150
oC
Typical Thermal resistance
-
Junction to Case
-
Junction to Ambient
RθJC
RθJA
1.62
110
1.25
62.5
3.79
120
1.62
110
oC/W
Limited only By Maximum Junction Temperature


Similar Part No. - PJF4NA70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJF4NA50A PANJIT-PJF4NA50A Datasheet
394Kb / 8P
   500V N-Channel MOSFET
January 16,2017-REV.00
PJF4NA50A_T0_00001 PANJIT-PJF4NA50A_T0_00001 Datasheet
394Kb / 8P
   500V N-Channel MOSFET
January 16,2017-REV.00
PJF4NA60 PANJIT-PJF4NA60 Datasheet
437Kb / 8P
   600V N-Channel MOSFET
PJF4NA65A PANJIT-PJF4NA65A Datasheet
324Kb / 7P
   650V N-Channel MOSFET
PJF4NA65H PANJIT-PJF4NA65H Datasheet
525Kb / 8P
   650V N-Channel MOSFET
More results

Similar Description - PJF4NA70

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com