Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S391JCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100S391JCTR
Description  LOW-POWER HEX TTL-TO-PECL TRANSLATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S391JCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100S391JCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S391JCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S391JCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S391JCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S391JCTR Datasheet HTML 5Page - Micrel Semiconductor SY100S391JCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SY100S391
Micrel
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VOH
Output HIGH Voltage
VCC –1025
VCC –955
VCC –870
mV
VIN = VIH (Max.) or VIL (Min.)
VOL
Output LOW Voltage
VCC –1890
VCC –1705
VCC –1620
Loading with 50
Ω to VCC –2V
VOHC
Output HIGH Voltage
VCC –1035
——
mV
VIN = VIH (Min.) or VIL (Max.)
Corner Point High
Loading with 50
Ω to VCC –2V
VOLC
Output LOW Voltage
——
VCC –1610
mV
Corner Point Low
VIH
Input HIGH Voltage
2.0
5.0
V
Over VTTL, VEE, TA Range
VIL
Input LOW Voltage
0
0.8
V
Over VTTL, VEE, TA Range
IIH
Input HIGH Current
——
10
µAVIN = +2.7V
Breakdown Current
——
100
µAVIN = +5.5V, VCC = Max.
IIL
Input LOW Current
Dn
——
–0.8
mA
VIN = +0.5V
E
–4.2
VCD
Input Clamp Diode Voltage
——
–1.2
V
IIN = –18mA
ICC
VCC Supply Current
25
69
mA
Inputs Open
Inputs
Outputs
Dn
EQn
Qn
HHH
L
LH
L
H
HL
L
H
LLL
H
TRUTH TABLE
NOTE:
1. H = High Voltage Level, L = Low Voltage Level
LOGIC SYMBOL
E
D0
D1
D2
D3
D4
D5
Q0 Q0
Q1 Q1
Q2 Q2
Q3 Q3
Q4 Q4
Q5 Q5
Symbol
Rating
Value
Unit
TTL Input Voltage(2)
–0.5 to +7.0
V
TTL Input Current(2)
–30 to +5.0
V
PECL Output Current
–50
V
(DC Output HIGH)
VCC Pin Potential to
–0.5 to +7.0
V
Ground Pin
Tstore
Storage Temperature
–65 to +150
˚C
TJ
Max. Junction Temp.
˚C
Ceramic
+175
Plastic
+150
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS
are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to ABSOLUTE MAXIMUM RATlNG conditions
for extended periods may affect device reliability.
2. Either voltage limit or current limit is siffucient to protect inputs.
TTL-TO-PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = +5.0V
± 10%; GND = 0V
NOTE:
1. The specified limits represent the "worst case" value for the parameter. Since these values normally occur at the temperature extremes, additional noise
immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are chosen
to guarantee operation under "worst case" conditions.
Symbol
Rating
Value
Unit
TA
Operating Temperature
˚C
Commercial
0 to +85
VCC
Supply Voltage
+4.5 to +5.5
V
GUARANTEED OPERATING CONDITIONS(1)
NOTE:
1. Do not exceed.


Similar Part No. - SY100S391JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S391JCTR MICREL-SY100S391JCTR Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
More results

Similar Description - SY100S391JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100391 FAIRCHILD-100391 Datasheet
81Kb / 8P
   Low Power Single Supply Hex TTL-to-PECL Translator
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com