Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S370 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S370
Description  UNIVERSAL DEMULTIPLEXER/ DECODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S370 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S370 Datasheet HTML 1Page - Micrel Semiconductor SY100S370 Datasheet HTML 2Page - Micrel Semiconductor SY100S370 Datasheet HTML 3Page - Micrel Semiconductor SY100S370 Datasheet HTML 4Page - Micrel Semiconductor SY100S370 Datasheet HTML 5Page - Micrel Semiconductor SY100S370 Datasheet HTML 6Page - Micrel Semiconductor SY100S370 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
SY100S370
Micrel
Single 1-of-8 Mode (M = HIGH; A0b = A1b = Ha = Hb = LOW)
Inputs
Active HIGH Outputs* (Hc Input HIGH)
E1
E2
A2a
A1a
A0a
Z0
Z1
Z2
Z3
Z4
Z5
Z6
Z7
H
X
X
X
X
L
L
LLLLLL
X
H
X
X
X
L
L
LLLLLL
L
L
L
L
L
H
L
LLLLLL
L
L
L
L
H
L
H
LLLLLL
L
L
L
H
LL
L
H
LLLLL
L
L
L
H
H
L
L
L
H
LLLL
LL
H
L
L
LLL
L
H
L
L
L
LL
H
L
H
LLL
L
L
H
L
L
L
L
H
H
LL
L
LLLL
H
L
L
L
H
H
H
L
L
LLLLL
H
TRUTH TABLES(1)
Dual 1-of-4 Mode (M = A2a = Hc = LOW)
Active HIGH Outputs
Active LOW Outputs
Inputs
(Ha and Hb Inputs HIGH)
(Ha and Hb Inputs LOW)
E1a,E1b
E2a,E2b
A1a,A1b
A0a,A0b
Z0a,Z0b
Z1a,Z1b
Z2a,Z2b
Z3a,Z3b
Z0a,Z0b
Z1a,Z1b
Z2a,Z2b
Z3a,Z3b
H
X
X
X
LLLL
H
H
H
H
X
H
X
X
LLLL
H
H
H
H
LLL
L
H
L
L
L
L
H
H
H
L
L
L
H
L
H
L
LH
LH
H
L
L
HL
L
L
HL
H
H
L
H
L
L
H
H
L
L
L
HH
HH
L
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
* for Hc = LOW, output states are complemented
E1 = E1a and E1b wired; E2 = E2a and E2b wired
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current
µAVIN = VIH (Max.)
Hc, A0a, A1a, A2a
——
310
All Others
——
250
IEE
Power Supply Current
–92
–73
–46
mA
Inputs Open


Similar Part No. - SY100S370

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370 Datasheet
97Kb / 8P
   UNIVERSAL DEMULTIPLEXER/DECODER
SY100S370FC MICREL-SY100S370FC Datasheet
97Kb / 8P
   UNIVERSAL DEMULTIPLEXER/DECODER
SY100S370FCTR MICREL-SY100S370FCTR Datasheet
97Kb / 8P
   UNIVERSAL DEMULTIPLEXER/DECODER
SY100S370JC MICREL-SY100S370JC Datasheet
97Kb / 8P
   UNIVERSAL DEMULTIPLEXER/DECODER
SY100S370JC MICREL-SY100S370JC Datasheet
74Kb / 5P
   UNIVERSAL DEMULTIPLEXER/ DECODER
More results

Similar Description - SY100S370

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S370 MICREL-SY100S370_07 Datasheet
74Kb / 5P
   UNIVERSAL DEMULTIPLEXER/ DECODER
SY100S370 MICREL-SY100S370_06 Datasheet
97Kb / 8P
   UNIVERSAL DEMULTIPLEXER/DECODER
logo
Fairchild Semiconductor
100370 FAIRCHILD-100370 Datasheet
82Kb / 8P
   Low Power Universal Demultiplexer/Decoder
logo
National Semiconductor ...
100370 NSC-100370 Datasheet
144Kb / 8P
   Low Power Universal Demultiplexer/Decoder
logo
ON Semiconductor
MC74AC138DR2G ONSEMI-MC74AC138DR2G Datasheet
182Kb / 11P
   Decoder/Demultiplexer
March, 2006 ??Rev. 6
logo
Unisonic Technologies
U74LVC1G19 UTC-U74LVC1G19_15 Datasheet
161Kb / 5P
   DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
DM74S138 FAIRCHILD-DM74S138 Datasheet
55Kb / 5P
   Decoder/Demultiplexer
DM74LS138 FAIRCHILD-DM74LS138 Datasheet
81Kb / 7P
   Decoder/Demultiplexer
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19_07 Datasheet
115Kb / 6P
   1?뭪o?? Decoder/Demultiplexer
February, 2007 ??Rev. 10
MC74AC151 ONSEMI-MC74AC151 Datasheet
237Kb / 10P
   1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com