Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4952 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4952
Description  Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4952 Datasheet(HTML) 5 Page - Texas Instruments

  LM4952_15 Datasheet HTML 1Page - Texas Instruments LM4952_15 Datasheet HTML 2Page - Texas Instruments LM4952_15 Datasheet HTML 3Page - Texas Instruments LM4952_15 Datasheet HTML 4Page - Texas Instruments LM4952_15 Datasheet HTML 5Page - Texas Instruments LM4952_15 Datasheet HTML 6Page - Texas Instruments LM4952_15 Datasheet HTML 7Page - Texas Instruments LM4952_15 Datasheet HTML 8Page - Texas Instruments LM4952_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6
OUTPUT POWER (W)
0.01
0.1
1
10
0.02
0.2
2
0.05
0.5
5
10m
100m
1
20m
200m
50m
500m
2
5
6
OUTPUT POWER (W)
0.01
0.1
1
10
0.02
0.2
2
0.05
0.5
5
10m
100m
1
20m
200m
50m
500m
2
5
20
100
1k
20k
FREQUENCY (Hz)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10k
200
2k
500
5k
50
20
100
1k
20k
FREQUENCY (Hz)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10k
200
2k
500
5k
50
LM4952
www.ti.com
SNAS230A – AUGUST 2004 – REVISED MAY 2013
Typical Performance Characteristics
AV = 20dB and TA = 25°C, unless otherwise noted.
THD+N vs Frequency
THD+N vs Frequency
VDD = 12V, RL = 4Ω,
VDD = 12V, RL = 8Ω,
POUT = 2W, CIN = 1.0µF
POUT = 1W, CIN = 1.0µF
Figure 3.
Figure 4.
THD+N vs Output Power
THD+N vs Output Power
VDD = 12V, RL = 4Ω,
VDD = 12V, RL = 8Ω,
fIN = 1kHz
fIN = 1kHz
Figure 5.
Figure 6.
Output Power vs Power Supply Voltage
Output Power vs Power Supply Voltage
RL = 4Ω, fIN = 1kHz
RL = 8Ω, fIN = 1kHz
both channels driven and loaded (average shown),
both channels driven and loaded (average shown),
at (from top to bottom at 12V):
at (from top to bottom at 12V):
THD+N = 10%, THD+N = 1%
THD+N = 10%, THD+N = 1%
Figure 7.
Figure 8.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4952


Similar Part No. - LM4952_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4952TS NSC-LM4952TS Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
More results

Similar Description - LM4952_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4952 NSC-LM4952 Datasheet
713Kb / 20P
   3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2071 ANPEC-APA2071 Datasheet
393Kb / 24P
   Stereo 3.1W Non-inverting Audio Power Amplifier(with DC Volume Control)
logo
Texas Instruments
LM4950TSX-NOPB TI1-LM4950TSX-NOPB Datasheet
3Mb / 30P
[Old version datasheet]   LM4950 Boomer ??Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA7063 ANPEC-APA7063 Datasheet
236Kb / 20P
   Stereo 1.5W Audio Power Amplifier with DC Volume Control
APA2070 ANPEC-APA2070 Datasheet
417Kb / 24P
   Stereo 2.6W Audio Power Amplifier (with DC Volume Control)
logo
Unisonic Technologies
PA7468 UTC-PA7468_15 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com