Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4911 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4911
Description  Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4911 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4911_15 Datasheet HTML 3Page - Texas Instruments LM4911_15 Datasheet HTML 4Page - Texas Instruments LM4911_15 Datasheet HTML 5Page - Texas Instruments LM4911_15 Datasheet HTML 6Page - Texas Instruments LM4911_15 Datasheet HTML 7Page - Texas Instruments LM4911_15 Datasheet HTML 8Page - Texas Instruments LM4911_15 Datasheet HTML 9Page - Texas Instruments LM4911_15 Datasheet HTML 10Page - Texas Instruments LM4911_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LM4911, LM4911Q
www.ti.com
SNAS152M – MAY 2004 – REVISED JUNE 2011
Electrical Characteristics VDD = 2.4V
(1) (2) (3)
The following specifications apply for VDD = 2.4V, RL = 16Ω, and CB = 4.7µF unless otherwise specified.
Limits apply to TA = 25°C.
LM4911
LM4911Q
Units
Symbol
Parameter
Conditions
(Limits)
Typ(4)
Limit(5)
Typ(4)
Limit(5)
VIN = 0V, IO = 0A
mA
TA = +25°C
1.5
3
1.5
3
IDD
Quiescent Current
(max)
mA
TA = –40°C to +105°C
4
(max)
ISD
Shutdown Current
VSHUTDOWN = GND
0.1
2
0.1
2
µA (max)
VMUTE = VDD, C-Coupled
IM
Mute Current
T A = +25°C
40
80
40
80
µA (max)
TA = –40°C to +105°C
100
µA (max)
Shutdown Voltage Input
VSDIH
TA = –40°C to +105°C
1.8
1.8
V
High
VSDIL
Shutdown Voltage Input Low
TA = –40°C to +105°C
0.4
0.4
V
VMIH
Mute Voltage Input High
TA = –40°C to +105°C
1.8
1.8
V
VMIL
Mute Voltage Input Low
0.4
0.4
V
THD = 1%; C-CUPL, RL = 16Ω
mW
TA = +25°C
25
25
20
(min)
PO
Output Power
mW
TA = –40°C to +105°C
15
(min)
THD
≤1%; RL = 32Ω, f = 1kHz
12
12
Total Harmonic Distortion +
% (max)
THD+N
PO = 15.3mW, f = 1kHz
0.1
0.5
0.1
0.5
Noise
(6)
OCL
0.5
0.5
s
TWU
Wake Up Time
C-Coupled, CO = 100μF
2
2
s
TUM
Un-mute Time
C-Coupled, CO= 100μF
0.01
0.02
0.01
0.02
s (max)
Output Voltage Change on
mV
VOSD
C-Coupled, CO= 100μF
1
1
Release from Shutdown
(max)
Power Supply Rejection
VRIPPLE = 200mV sine p-p
PSRR
65
65
dB
Ratio
f = 1kHz (7)
VON
Output Noise Voltage
BW = 20 Hz to 20kHz, A-weighted
10
10
dB
(1)
All voltages are measured with respect to the GND pin unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional but do not ensure specific performance limits.Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensures specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given; however, the typical value is a good indication
of device performance.
(3)
Datasheet min/max specification limits are specified by design, test, or statistical analysis.
(4)
Typicals are measured at 25°C and represent the parametric norm.
(5)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(6)
The limit is specified over the temperature range of –40°C to +85°C.
(7)
10
Ω terminated input.
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4911 LM4911Q


Similar Part No. - LM4911_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4911LD NSC-LM4911LD Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911MM NSC-LM4911MM Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911MM/NOPB TI1-LM4911MM/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911Q TI1-LM4911Q Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
LM4911Q-Q1 TI1-LM4911Q-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results

Similar Description - LM4911_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
Texas Instruments
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
National Semiconductor ...
LM4912 NSC-LM4912 Datasheet
699Kb / 14P
   Stereo 40mW Low Noise Headphone Amplifier
LM4985 NSC-LM4985 Datasheet
1Mb / 29P
   Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled or Output Capacitor-less (OCL) Output and Digitally Controlled (I2C) V
logo
Texas Instruments
LM4985 TI1-LM4985_14 Datasheet
1Mb / 33P
[Old version datasheet]   LAudio Power Amplifier Series Stereo 135mW Low Noise Headphone Amplifier with Selectable Capacitively Coupled
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4924 TI1-LM4924 Datasheet
912Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
   2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com