Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK6211-75C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK6211-75C
Description  N-channel TrenchMOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK6211-75C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BUK6211-75C_15 Datasheet HTML 4Page - NXP Semiconductors BUK6211-75C_15 Datasheet HTML 5Page - NXP Semiconductors BUK6211-75C_15 Datasheet HTML 6Page - NXP Semiconductors BUK6211-75C_15 Datasheet HTML 7Page - NXP Semiconductors BUK6211-75C_15 Datasheet HTML 8Page - NXP Semiconductors BUK6211-75C_15 Datasheet HTML 9Page - NXP Semiconductors BUK6211-75C_15 Datasheet HTML 10Page - NXP Semiconductors BUK6211-75C_15 Datasheet HTML 11Page - NXP Semiconductors BUK6211-75C_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BUK6211-75C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 28 September 2010
8 of 15
NXP Semiconductors
BUK6211-75C
N-channel TrenchMOS FET
Fig 9.
Gate-source threshold voltage as a function of
junction temperature
Fig 10. Sub-threshold drain current as a function of
gate-source voltage
Tj = 25°C; tp = 300 µs
Fig 11. Drain-source on-state resistance as a function
of drain current; typical values
Fig 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aad805
0
1
2
3
4
-60
0
60
120
180
Tj (
°C)
VGS(th)
(V)
max
typ
min
003aad806
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
01
23
4
VGS (V)
ID
(A)
max
typ
min
003aae887
0
10
20
30
40
0
25
50
75
100
125
ID (A)
RDSon
(m
Ω)
3.2
3.6
4.5
3.4
3.8
VGS (V) = 5, 6, 10
4
003aad804
0
0.5
1
1.5
2
2.5
3
-60
0
60
120
180
Tj (
°C)
a


Similar Part No. - BUK6211-75C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK6211-75C NXP-BUK6211-75C Datasheet
219Kb / 15P
   N-channel TrenchMOS FET
Rev. 02-28 September 2010
logo
Nexperia B.V. All right...
BUK6211-75C NEXPERIA-BUK6211-75C Datasheet
782Kb / 15P
   N-channel TrenchMOS FET
Rev. 02 - 28 September 2010
More results

Similar Description - BUK6211-75C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002KA NXP-2N7002KA Datasheet
94Kb / 11P
   N-channel TrenchMOS FET
Rev. 03-25 February 2008
BUK663R5-55C NXP-BUK663R5-55C Datasheet
138Kb / 11P
   N-channel TrenchMOS FET
Rev. 01-3 August 2010
BUK6507-75C NXP-BUK6507-75C Datasheet
185Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
BUK9606-55B NXP-BUK9606-55B Datasheet
193Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
BUK664R8-75C PHILIPS-BUK664R8-75C_15 Datasheet
402Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-17 November 2010
BUK663R7-75C PHILIPS-BUK663R7-75C_15 Datasheet
386Kb / 14P
   N-channel TrenchMOS FET
Rev. 2-15 September 2010
BUK6215-75C PHILIPS-BUK6215-75C_15 Datasheet
227Kb / 14P
   N-channel TrenchMOS FET
Rev. 02-4 October 2010
logo
Nexperia B.V. All right...
BUK6240-75C NEXPERIA-BUK6240-75C Datasheet
477Kb / 15P
   N-channel TrenchMOS FET
BUK6510-75C NEXPERIA-BUK6510-75C Datasheet
336Kb / 17P
   N-channel TrenchMOS FET
Rev. 02 - 13 December 2010
logo
NXP Semiconductors
BUK9506-55B NXP-BUK9506-55B Datasheet
195Kb / 13P
   N-channel TrenchMOS FET
Rev. 04-23 July 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com