Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL501-1G13 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL501-1G13
Description  Popular Right Angle PCB Indicator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL501-1G13 Datasheet(HTML) 1 Page - P-tec Corporation

  PL501-1G13_14 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
nm
Deg
Typ
Max
Min
Typ
PL501-1G13
Green
GaP
567
30°
2.1
2.6
17.0
35.0
Color Diffused Lens
Dominant
Wave
Length
nm
572
PL501 Series 5mm LED Single Right Angle Holder
Features
*Popular Right Angle PCB Indicator
*Housing Material Black Nylon UL94V-2
*High Light Output
*1 Green Led with Color Diffused Lens used
*Reliable and Rugged
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100μA)……….………….. ……...…...…….……….……….…... 5.0V
Max Forward Current…….…………..………………….……..…….………...….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)........……….…………….. 100mA
Operating Temperature Range.…………………………………….…… -25°C to +85°C
Storage Temperature Range.……………….....…………………….…. -40°C to +100°C
Soldering Temperature (1.6 mm below body)………....…………………… 260° for 5 seconds
Power Dissipation………………………………………………………………… 78mW
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
4.8
6.2
6.2
5.9
5.08 ±.50
5.0 ±.50
PL501
0.5 Square
2.54
Typ.
10.31.14 Rev1 JAS
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa CO 81101


Similar Part No. - PL501-1G13_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL501-1G13 P-TEC-PL501-1G13 Datasheet
30Kb / 1P
   5mm LED Single Right Angle Holder
More results

Similar Description - PL501-1G13_14

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL501-1R12 P-TEC-PL501-1R12_14 Datasheet
77Kb / 1P
   Popular Right Angle PCB Indicator
PL501-1Y01 P-TEC-PL501-1Y01_14 Datasheet
78Kb / 1P
   Popular Right Angle PCB Indicator
PL506-1G13 P-TEC-PL506-1G13_14 Datasheet
77Kb / 1P
   Popular Right Angle PCB Indicator
PL505-1R12 P-TEC-PL505-1R12_14 Datasheet
77Kb / 1P
   Popular Right Angle PCB Indicator
PL505-1A02 P-TEC-PL505-1A02 Datasheet
77Kb / 1P
   Popular Right Angle PCB Indicator
PL505-1R21 P-TEC-PL505-1R21_14 Datasheet
77Kb / 1P
   Popular Right Angle PCB Indicator
PL505-1G13 P-TEC-PL505-1G13_14 Datasheet
77Kb / 1P
   Popular Right Angle PCB Indicator
PL506-1RG1213 P-TEC-PL506-1RG1213 Datasheet
77Kb / 1P
   Popular right angle PCB indicator
PL506-1R12 P-TEC-PL506-1R12_14 Datasheet
77Kb / 1P
   Popular Right Angle PCB Indicator
PL506-1Y01 P-TEC-PL506-1Y01_14 Datasheet
77Kb / 1P
   Popular Right Angle PCB Indicator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com