Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S324FC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S324FC
Description  LOW POWER HEX TTL-to-ECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S324FC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S324FC Datasheet HTML 1Page - Micrel Semiconductor SY100S324FC Datasheet HTML 2Page - Micrel Semiconductor SY100S324FC Datasheet HTML 3Page - Micrel Semiconductor SY100S324FC Datasheet HTML 4Page - Micrel Semiconductor SY100S324FC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
FEATURES
s Max. propagation delay of 1.4ns
s IEE min. of –70mA
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Differential outputs
s Voltage and temperature compensation for improved
noise immunity
s Internal 75K
input pull-down resistors
s Twice as fast as Fairchild’s 324
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
The SY100S324 is a hex translator designed to convert
TTL logic levels to 100K ECL levels. The inputs are TTL
compatible with differential outputs that can either be
used as an inverting/non-inverting translator or as
differential line drivers. A common Enable (E), when LOW,
holds all inverting outputs HIGH and holds all non-
inverting outputs LOW.
When used in the differential mode, due to its high
common mode rejection, it overcomes voltage gradients
between the TTL and ECL ground systems. The VEE and
VTTL power may be applied in either order.
LOW POWER HEX
TTL-to-ECL
TRANSLATOR
PIN CONFIGURATIONS
SY100S324
Rev.: F
Amendment: /0
Issue Date:
July, 1999
Pin
Function
D0–D5
Data Inputs
E
Enable Inputs
Q0–Q5
Data Outputs
Q0–Q5
Complementary Data Outputs
VEES
VEE Substrate
VTTL
TTL VCC Power Supply
VCCA
VCCO for ECL Outputs
PIN NAMES
18
17
16
15
14
13
12
5
6
78
9
10
11
2
3
4
1
Top View
Flatpack
F24-1
24
23
22
21
20
19
D2
Q0
Q1
D1
Q0
Q1
D5
Q5
Q4
Q5
Q4
Q3
18
17
16
15
14
13
12
D0
VTTL
E
VEES
VEE
D3
D4
56789
10 11
26
27
28
1
2
3
4
Top View
PLCC
J28-1
25 24 23 22 21 20 19
Q2
VCC
VCC
VCCA
VCCA
Q3
Q2
BLOCK DIAGRAM
D0
Q0
Q0
E
D1
Q1
Q1
D2
Q2
Q2
D3
Q3
Q3
D4
Q4
Q4
D5
Q5
Q5
1


Similar Part No. - SY100S324FC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S324FC MICREL-SY100S324FC Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S324FCTR MICREL-SY100S324FCTR Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
More results

Similar Description - SY100S324FC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
Fairchild Semiconductor
100325 FAIRCHILD-100325 Datasheet
87Kb / 9P
   Low Power Hex ECL-to-TTL Translator
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com