Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL7150 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IL7150
Description  Current consumption 4 mA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IL7150 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IL7150 Datasheet HTML 1Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 2Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 3Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 4Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 5Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 6Page - IK Semicon Co., Ltd IL7150 Datasheet HTML 7Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL7150
3
2012, June, Rev. 00
Table 3. Recommended Operation Conditions
Parameter
Symbol
Target
Unit
Min
Max
Supply voltage
VCC
4.0
40
V
Junction temperature
TJ
125
oC
Table 4. Maximum Ratings
Parameter
Symbol
Target
Unit
Min
Max
Supply voltage
VCC
-0.3
40
V
Output voltage
VO
-0.3
40
V
Junction temperature
TJ
150
oC
Storage temperature
TSTG
-60
150
oC
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Table 5. Electrical Characteristics
Symbol
Parameter
Testing mode
Value
Ambient
tempera
ture,
°C
Unit
Min
Max
ICC
Supply current
4.0 V
 V
CC  40 V
-
4.0
4.4
25
 10
-40; 85
mA
VDP
Output saturation voltage
VCC = 5.0 V
-
V
IZ7150
IO = 1.0 A
1.3
1.4
IO = 1.5 A
3.0
3.0
IZ7150A
IO= 0.5 A
1.3
1.4
IO= 0.8 A
3.0
3.0
IOL
Output leakage current
VCC = 40 V
-
300
330
A
VCS
Current sensor voltage
VCC = 5.0 V
300
270
360
396
mV
DCMAX
Max duty cycle
VCC = 5.0 V
50
99
25
 10;
-40; 85
%
ICH
Capacitor charging
current
VCC = 5.0 V
20
50
A


Similar Part No. - IL7150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL715 ETC1-IL715 Datasheet
128Kb / 7P
   Four Channel Digital Isolators
IL715 ETC2-IL715 Datasheet
496Kb / 18P
   High Speed Four-Channel Digital Isolators
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
   High Speed Four-Channel Digital Isolators
More results

Similar Description - IL7150

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PT-2130FWQ MSPI-PT-2130FWQ Datasheet
90Kb / 1P
   Current Consumption Max. (mA) 12 at Rated Voltage
PT-2735FPLQ MSPI-PT-2735FPLQ Datasheet
94Kb / 1P
   Current Consumption (mA/max) 10 at Rated Voltage
PT-2735FPQ MSPI-PT-2735FPQ Datasheet
89Kb / 1P
   Current Consumption Max. (mA) 10 at Rated Voltage
PT-2742FWQ MSPI-PT-2742FWQ Datasheet
91Kb / 1P
   Current Consumption Max. (mA) 8.0 at Rated Voltage
logo
List of Unclassifed Man...
IQS232 ETC2-IQS232_16 Datasheet
1Mb / 32P
   Sub 4 uA current consumption
logo
Seiko Instruments Inc
S1702 SII-S1702 Datasheet
609Kb / 45P
   SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
logo
Murata Manufacturing Co...
ZPA2326-0311A-R MURATA-ZPA2326-0311A-R Datasheet
168Kb / 2P
   current consumption
logo
Golledge Electronics Lt...
GXO-U113S GOLLEDGE-GXO-U113S Datasheet
562Kb / 4P
   5.0V Low Current Consumption 4-Pad Oscillator
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com