Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4673 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4673
Description  Filterless, 2.65W, Mono, Class D Audio Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4673 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4673_15 Datasheet HTML 3Page - Texas Instruments LM4673_15 Datasheet HTML 4Page - Texas Instruments LM4673_15 Datasheet HTML 5Page - Texas Instruments LM4673_15 Datasheet HTML 6Page - Texas Instruments LM4673_15 Datasheet HTML 7Page - Texas Instruments LM4673_15 Datasheet HTML 8Page - Texas Instruments LM4673_15 Datasheet HTML 9Page - Texas Instruments LM4673_15 Datasheet HTML 10Page - Texas Instruments LM4673_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
LM4673, LM4673SDBD, LM4673TMBD
www.ti.com
SNAS317D – DECEMBER 2005 – REVISED MAY 2013
Typical Performance Characteristics (continued)
The performance graphs were taken using the Audio Precision AUX-0025 Switching Amplifier measurement Filter in series
with the LC filter on the demo board.
THD + N vs Frequency
THD + N vs Frequency
VDD = 5V, POUT = 200mW, RL = 8Ω
VDD = 2.5V, POUT = 100mW, RL = 4Ω
Figure 8.
Figure 9.
THD + N vs Frequency
THD + N vs Frequency
VDD = 3.6V, POUT = 100mW, RL = 4Ω
VDD = 5V, POUT = 150mW, RL = 4Ω
Figure 10.
Figure 11.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4673 LM4673SDBD LM4673TMBD


Similar Part No. - LM4673_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
More results

Similar Description - LM4673_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
logo
Texas Instruments
LM4673 TI1-LM4673_14 Datasheet
4Mb / 29P
[Old version datasheet]   Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4673 TI1-LM4673 Datasheet
4Mb / 28P
[Old version datasheet]   LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com