Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD200-B1-CSP0201 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ESD200-B1-CSP0201
Description  Low Clamping Voltage TVS Diode in a Thin 0201 Chip Scale Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD200-B1-CSP0201 Datasheet(HTML) 4 Page - Infineon Technologies AG

  ESD200-B1-CSP0201_15 Datasheet HTML 1Page - Infineon Technologies AG ESD200-B1-CSP0201_15 Datasheet HTML 2Page - Infineon Technologies AG ESD200-B1-CSP0201_15 Datasheet HTML 3Page - Infineon Technologies AG ESD200-B1-CSP0201_15 Datasheet HTML 4Page - Infineon Technologies AG ESD200-B1-CSP0201_15 Datasheet HTML 5Page - Infineon Technologies AG ESD200-B1-CSP0201_15 Datasheet HTML 6Page - Infineon Technologies AG ESD200-B1-CSP0201_15 Datasheet HTML 7Page - Infineon Technologies AG ESD200-B1-CSP0201_15 Datasheet HTML 8Page - Infineon Technologies AG ESD200-B1-CSP0201_15 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ESD200-B1-CSP0201
Low Clamping Voltage TVS Diode in a Thin 0201 Chip Scale Package
Final Data Sheet
4
Revision 1.0, 2013-05-21
1
Low Clamping Voltage TVS Diode in a Thin 0201 Chip Scale
Package
1.1
Features
1.2
Application Examples
ESD Protection of highly susceptible IC/ASICs in audio, headset, human digital interfaces
Dedicated solution to boost space saving and high performance in miniaturized modern electronics
1.3
Product Description
Figure 1-1 Pin Configuration and Schematic Diagram
ESD / Transient protection of susceptible I/O lines to:
– IEC61000-4-2 (ESD): ±16 kV (air/contact discharge)
– IEC61000-4-5 (surge): ±3 A (8/20
μs))
Low clamping voltage
Low dynamic resistance: RDYN ≤ 0.2 Ω typ.
Supports applications with signal voltage between -5.5 V and 5.5 V max.
Line capacitance: CL =6.5 pF
Minimized overshoot due to extremely low parasitic inductance of chip scale package
Miniature form factor (XY) = 0201 (0.58 mm x 0.28 mm)
Thin 0.15 mm package thickness to allow direct integration into modules
Optimized assembly: its bidirectional and symmetric I/V characteristics allow
placement on the PCB with no danger of polarity orientation issues
Table 1-1
Ordering Information
Type
Package
Configuration
Marking code
ESD200-B1-CSP0201
WLL-2-1
1 line, bi-directional
A1)
1) The device does not have any marking or date code on the device backside. The Marking code is on pad side.
Configuration_Schematic_Diagram.vst.vsd
b) Schematic diagram
a) Pin configuration top view


Similar Part No. - ESD200-B1-CSP0201_15

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ESD200 DBLECTRO-ESD200 Datasheet
720Kb / 2P
   Output Interface UART, Compliant Bluetooth stack v1.2-improved
logo
List of Unclassifed Man...
ESD200 ETC-ESD200 Datasheet
921Kb / 2P
   Bluetooth-serial Module
More results

Similar Description - ESD200-B1-CSP0201_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD108-B1-CSP0201 INFINEON-ESD108-B1-CSP0201 Datasheet
867Kb / 17P
   Ultra Low Capacitance TVS Diode in a Thin 0201 Chip Scale Package
Revision 1.3, 2015-01-19
logo
Littelfuse
SP0501BACT LITTELFUSE-SP0501BACT Datasheet
186Kb / 3P
   TVS Diode Arrays - TVS Avalanche Diode in a Chip Scale Package
SP0504BAC LITTELFUSE-SP0504BAC Datasheet
352Kb / 6P
   TVS Avalanche Diode Array in a Unipolar Chip Scale Package
SP0504BBCT LITTELFUSE-SP0504BBCT Datasheet
172Kb / 3P
   SP0504BBCT - TVS Avalanche Diode Array in a Bipolar Chip Scale Package
logo
Shanghai Leiditech Elec...
SMDA33CDN LEIDITECH-SMDA33CDN Datasheet
1Mb / 5P
   LOW CLAMPING VOLTAGE TVS DIODE
ESD3364T6 LEIDITECH-ESD3364T6 Datasheet
802Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD3365T6 LEIDITECH-ESD3365T6 Datasheet
756Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESDA05C-4 LEIDITECH-ESDA05C-4 Datasheet
1Mb / 7P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
ESD0564T6 LEIDITECH-ESD0564T6 Datasheet
714Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
SDC12DT3 LEIDITECH-SDC12DT3 Datasheet
325Kb / 3P
   LOW CLAMPING VOLTAGE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com