Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSZ014NE2LS5IF Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BSZ014NE2LS5IF
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSZ014NE2LS5IF Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BSZ014NE2LS5IF_15 Datasheet HTML 4Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 5Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 6Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 7Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 8Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 9Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 10Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 11Page - Infineon Technologies AG BSZ014NE2LS5IF_15 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
OptiMOSTM5Power-MOSFET,25V
BSZ014NE2LS5IF
Rev.2.1,2015-04-27
Final Data Sheet
Diagram9:Drain-sourceon-stateresistance
Tj[°C]
-60
-20
20
60
100
140
180
0.0
0.5
1.0
1.5
2.0
2.5
3.0
typ
RDS(on)=f(Tj);ID=20A;VGS=10V
Diagram10:Typ.gatethresholdvoltage
Tj[°C]
-60
-20
20
60
100
140
180
0.0
0.5
1.0
1.5
2.0
2.5
10 mA
VGS(th)=f(Tj);VGS=VDS;ID=10mA
Diagram11:Typ.capacitances
VDS[V]
0
5
10
15
20
25
101
102
103
104
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=1MHz
Diagram12:Forwardcharacteristicsofreversediode
VSD[V]
0.0
0.4
0.8
1.2
10-1
100
101
102
103
-55 °C
25 °C
125 °C
150 °C
IF=f(VSD);parameter:Tj


Similar Part No. - BSZ014NE2LS5IF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSZ010NE2LS5 INFINEON-BSZ010NE2LS5 Datasheet
1Mb / 11P
   OptiMOSTM 5 Power-Transistor, 25 V
Rev.2.2,2020-05-12
BSZ011NE2LS5I INFINEON-BSZ011NE2LS5I Datasheet
1Mb / 11P
   OptiMOSTM5 Power-Transistor, 25 V
Rev.2.1,2020-10-23
BSZ013NE2LS5I INFINEON-BSZ013NE2LS5I Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
BSZ013NE2LS5I INFINEON-BSZ013NE2LS5I_15 Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
BSZ017NE2LS5I INFINEON-BSZ017NE2LS5I Datasheet
1Mb / 12P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0
More results

Similar Description - BSZ014NE2LS5IF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com